Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS758KCB-150U-PFF-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ACS758KCB-150U-PFF-T
Description  The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS758KCB-150U-PFF-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ACS758KCB-150U-PFF-T Datasheet HTML 6Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 7Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 8Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 9Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 10Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 11Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 12Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 13Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
Linear Current Sensor IC with 100 μΩ Current Conductor
ACS758xCB
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X
200B PERFORMANCE CHARACTERISTICS1: T
OP = –40°C to 85°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
–200
200
A
Sensitivity
SensTA
Full scale of IP applied for 5 ms, TA = 25°C
10
mV/A
Sens(TOP)HT Full scale of IP applied for 5 ms, TOP = 25°C to 85°C
9.88
mV/A
Sens(TOP)LT Full scale of IP applied for 5 ms, TOP = –40°C to 25°C
10.13
mV/A
Noise2
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
3
mV
Nonlinearity
ELIN
Up to full scale of IP, IP applied for 5 ms
– 1
1
%
Electrical Offset Voltage3
VOE(TA)
IP = 0 A, TA = 25°C
±5
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 85°C
±15
mV
VOE(TOP)LT IP = 0 A, TOP = –40°C to 25°C
±25
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of 200 A
230
mA
Total Output Error4
ETOT(HT)
Over full scale of IP, IP applied for 5 ms, TOP = 25°C to 85°C
–1.2
%
ETOT(LT)
Over full scale of IP, IP applied for 5 ms, TOP = –40°C to 25°C
1.2
%
1See Characteristic Performance Data page for parameter distributions over temperature range.
2±3 sigma noise voltage.
3VOE(TOP) drift is referred to ideal VIOUT(Q) = 2.5 V.
4Percentage of IP. Output filtered.
X
200U PERFORMANCE CHARACTERISTICS1: T
OP = –40°C to 85°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
0
200
A
Sensitivity
SensTA
Full scale of IP applied for 5 ms, TA = 25°C
20
mV/A
Sens(TOP)HT Full scale of IP applied for 5 ms, TOP = 25°C to 85°C
19.7
mV/A
Sens(TOP)LT Full scale of IP applied for 5 ms, TOP = –40°C to 25°C
20.3
mV/A
Noise2
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
6
mV
Nonlinearity
ELIN
Up to full scale of IP, IP applied for 5 ms
– 1
1
%
Electrical Offset Voltage3
VOE(TA)
IP = 0 A, TA = 25°C
±5
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 85°C
±20
mV
VOE(TOP)LT IP = 0 A, TOP = –40°C to 25°C
±35
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of 200 A
230
mA
Total Output Error4
ETOT(HT)
Over full scale of IP, IP applied for 5 ms, TOP = 25°C to 85°C
–1.2
%
ETOT(LT)
Over full scale of IP, IP applied for 5 ms, TOP = –40°C to 25°C
1.2
%
1See Characteristic Performance Data page for parameter distributions over temperature range.
2±3 sigma noise voltage.
3VOE(TOP) drift is referred to ideal VIOUT(Q) = 0.6 V.
4Percentage of IP. Output filtered.


Similar Part No. - ACS758KCB-150U-PFF-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758KCB-150U-PFF-T ALLEGRO-ACS758KCB-150U-PFF-T Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
More results

Similar Description - ACS758KCB-150U-PFF-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS759XCB ALLEGRO-ACS759XCB Datasheet
618Kb / 19P
   The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS759 ALLEGRO-ACS759 Datasheet
989Kb / 19P
   The Allegro ACS759 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
ACS756 ALLEGRO-ACS756 Datasheet
357Kb / 11P
   The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
logo
Alpha & Omega Semicondu...
AOK30B135W1_PR AOSMD-AOK30B135W1_PR Datasheet
63Kb / 2P
   The technology of induction heating provides precise cooking
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
   AC/DC CURRENT SENSOR
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
   The current sensing and diagnostic feedback
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
   The current sensing and diagnostic feedback
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
   The current sensing and diagnostic feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com