Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8584 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8584
Description  The A8584 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8584 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8584 Datasheet HTML 1Page - Allegro MicroSystems A8584 Datasheet HTML 2Page - Allegro MicroSystems A8584 Datasheet HTML 3Page - Allegro MicroSystems A8584 Datasheet HTML 4Page - Allegro MicroSystems A8584 Datasheet HTML 5Page - Allegro MicroSystems A8584 Datasheet HTML 6Page - Allegro MicroSystems A8584 Datasheet HTML 7Page - Allegro MicroSystems A8584 Datasheet HTML 8Page - Allegro MicroSystems A8584 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Wide Input Voltage, 500 kHz, 2.5 A
Asynchronous Buck Regulator
A8584
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS1 Valid at VIN = 12 V, TA = 25°C ,
indicates specifications guaranteed through
–40°C ≤ TJ ≤ 125°C; unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.2
Max.
Unit
Input Voltage Specifications
Operating Input Voltage Range
VIN
4.7
36
V
UVLO Start Threshold
VINSTART VIN rising
4.2
4.6
V
UVLO Stop Threshold
VINSTOP
VIN falling
3.8
4.2
V
UVLO Hysteresis
VUVLOHYS
280
400
520
mV
Input Currents
Input Quiescent Current
IQ
VEN/SYNC = 5 V, VFB = 1.5 V,
no PWM switching
3.0
5.0
mA
Input Sleep Supply Current3
IQSLEEP
VIN = 16 V, VEN/SYNC ≤ 0.4 V,
TA = TJ between –40°C and 85°C
−−
3.0
μA
VIN = 16 V, VEN/SYNC ≤ 0.4 V, TA = TJ = 125°C
515
μA
Reference Voltage
Feedback Voltage
VFB
4.7 V < VIN < 36 V, VFB = VCOMP
788
800
812
mV
Error Amplifier
Feedback Input Bias Current
IFB
VCOMP = 1.5 V, VFB regulated so that
ICOMP = 0 A
–150
–300
nA
Open Loop Voltage Gain
AVOL
–56–
dB
Transconductance
gm
ICOMP = 0 μA, VSS > 700 mV
550
750
1000
μA/V
0 V < VSS < 700 mV
225
μA/V
Source Current
IEA(SRC)
VFB < 0.8 V, VCOMP = 1.5 V
–50
−μA
Sink Current
IEA(SINK)
VFB > 0.8 V, VCOMP = 1.5 V
+50
−μA
Maximum Output Voltage
VEAVO(max)
1.3
1.7
2.1
V
COMP Pull-Down Resistance
RCOMP
FAULT = 1
1500
−Ω
Pulse Width Modulation (PWM)
PWM Ramp Offset
V
PWMOFFSET
VCOMP for 0% duty cycle
300
mV
Minimum Controllable On-Time
tON(MIN)
100
150
ns
Minimum Switch Off-Time
tOFF(MIN)
100
150
ns
COMP to SW Current Gain
gmPOWER
2.85
A/V
Slope Compensation
SE
fSW = 250 kHz
0.19
A/μs
fSW = 500 kHz
0.38
A/μs
MOSFET Parameters
Hi-Side MOSFET On Resistance
RDS(on)HS IDS = 400 mA, VBOOT − VSW = 6 V
100
High-Side MOSFET Leakage Current3
ILEAK
VIN = 16 V, VEN/SYNC ≤ 0.4 V, VSW = 0 V
TA = TJ between –40°C and 85°C
−−
10
μA
VIN = 16 V, VEN/SYNC ≤ 0.4 V, VSW = 0 V,
TA = TJ = 125°C
50
150
μA
Low-Side MOSFET On Resistance
RDS(on)LS IDS = 10 mA, (VBOOT – VSW) < 4 V
10
12
Ω
Continued on the next page…


Similar Part No. - A8584

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8580 ALLEGRO-A8580 Datasheet
3Mb / 41P
   PWM/PFMn mode control input pin
A8580KLPTR-T ALLEGRO-A8580KLPTR-T Datasheet
3Mb / 41P
   PWM/PFMn mode control input pin
A8582 ALLEGRO-A8582 Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8582KLPTR-T ALLEGRO-A8582KLPTR-T Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
More results

Similar Description - A8584

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
   The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8582 ALLEGRO-A8582 Datasheet
829Kb / 32P
   The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
logo
Sanken electric
NR130S SANKEN-NR130S Datasheet
660Kb / 15P
   The NR130 series is buck regulator ICs integrates High-side power MOSFETs.
Rev.1.2 Sep/10/2013
logo
List of Unclassifed Man...
BNO080 ETC2-BNO080 Datasheet
1Mb / 57P
   The BNO080 is a System in Package (SiP) that integrates a triaxial accelerometer
logo
Littelfuse
DCSA LITTELFUSE-DCSA Datasheet
288Kb / 2P
   The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor
logo
Allegro MicroSystems
A6213 ALLEGRO-A6213 Datasheet
641Kb / 17P
   The A6213 is a single IC switching regulator that provides constant-current output to drive high-power LEDs.
logo
Diodes Incorporated
AP7175 DIODES-AP7175 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
   The T8611 is a simple, high voltage, linear current regulator.
logo
Microsemi Corporation
LX1673 MICROSEMI-LX1673 Datasheet
286Kb / 13P
   High Frequency PWM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com