Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8516ELPTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8516ELPTR-T
Description  The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8516ELPTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8516ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 11Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 12Page - Allegro MicroSystems A8516ELPTR-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LED Backlight Driver for LCD Monitors and Televisions
A8516
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Typical PWM Operation Waveforms
VBAT = 12 V, Load = 6 strings, 16 LEDs each string, 56 mA per string, Output capacitors = 2 × 2.2 μF ceramic
t
t
VPWM
VOUT
VEN
VPWM
VOUT
ILED
VEN
C1
C1
C2
C2
C4
Symbol
Parameter Units/Division
C1
VEN
10 V
C2
VPWM
10 V
–*
VOUT
1 V
C4
Total ILED
100 mA
t
time
2 ms
*Offset = 46 V
Symbol
Parameter Units/Division
C1
VEN
10 V
C2
VPWM
10 V
–*
VOUT
1 V
C4
ILED
100 mA
t
time
50 μs
*Offset = 46 V
PWM dimming at 200 Hz 10% duty cycle;
Output voltage ripple approximately 0.8 V (out of 50 V)
PWM dimming at 5 kHz 10% duty cycle
1
100
90
80
70
60
50
40
30
20
10
0
10
0.1
100
10
1
0.1
PWM Frequency (kHz)
PWM Duty Cycle (%)
Ratio of LED Current versus PWM Frequency
PWM duty cycle = 10%
Ratio of LED Current versus PWM Duty Cycle
PWM frequency = 200 Hz
0.1
1
10
100
Compensated
pulse width
Uncompensated
pulse width
To improve the accuracy of PWM dimming at very high frequency and/or very low duty cycle, it is
necessary to compensate the PWM pulse width, as described in Application Information section.


Similar Part No. - A8516ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8516ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8515 ALLEGRO-A8515 Datasheet
1Mb / 34P
   The A8515 is a multi-output white LED (WLED) driver for LCD backlighting in consumer and industrial displays.
A8507 ALLEGRO-A8507 Datasheet
600Kb / 16P
   LED Backlight Driver for LCD Monitors and Televisions
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8514 ALLEGRO-A8514 Datasheet
1Mb / 35P
   The A8514 is a multi-output white LED driver for small-size LCD backlighting.
A8521 ALLEGRO-A8521 Datasheet
1Mb / 35P
   The A8521 is a multi-output white LED driver for small-size LCD backlighting.
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com