Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6264KLYTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A6264KLYTR-T
Description  The A6264 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6264KLYTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A6264KLYTR-T Datasheet HTML 3Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 4Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 5Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 6Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 7Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 8Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 9Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 10Page - Allegro MicroSystems A6264KLYTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Automotive Stop/Tail LED Array Driver
A6264
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
in the voltage drop across the LEDs, as a result of the short, the
current matching in the A6264 may exceed the specified limits.
A short between LEDs in different strings (figure 1D) will not
result in a short fault condition. The current through the remain-
ing LEDs will remain in regulation and the LEDs will be pro-
tected. The current will be summed and shared by the affected
strings. Current matching in the strings will then depend on the
LED forward voltage differences.
Open Load Detection
An open load condition is detected
when the voltage across the regulator, VIN – VLAx, is less than
the open load detect voltage, VOCD, but greater than the output
disable threshold voltage, VODIS. When this condition is present
for more than the open load detect time, tOCD, then all regulators
will be disabled and the fault flag allowed to go high.
The regulators will remain disabled until either the power is
cycled off and on, or the fault flag, FF, is pulled low. If the power
is cycled, the regulators will start in the enabled state, unless
disabled by tying the output to VIN, and the open load detection
timer will be reset. If the open load is still present the regulators
will again be disabled after the open load detect time.
Pulling the fault flag low will override the open load fault action
and all enabled regulators will be switched on. This state will
be maintained while the fault flag is held low. If the fault flag is
allowed to go high the A6264 will return to the open load fault
condition and will disable all regulators.
Each of the four regulators includes a limiter to ensure that
the output voltage will not rise higher than the output disable
threshold voltage below VIN when driven by the regulator. This
means that the voltage across the regulator will not be less than
the output disable voltage, unless it is forced by connecting the
LAx pin to VIN. However if a load becomes disconnected, the
regulator will pull the LAx pin up to the limit, which will ensure
that the voltage across the regulator, VIN – VLAx, is less than the
open load detect voltage, VOCD .
Note that an open load may also be detected if the sum of the for-
ward voltages of the LEDs in a string is close to or greater than
the supply voltage on VIN.
Temperature Monitor
A temperature monitor function,
included in the A6264, reduces the LED current as the silicon
junction temperature of the A6264 increases (see figure 2). By
mounting the A6264 on the same thermal substrate as the LEDs,
this feature can also be used to limit the dissipation of the LEDs.
As the junction temperature of the A6264 increases, the regulated
current level is reduced, reducing the dissipated power in the
A6264 and in the LEDs. The current is reduced from the 100%
level at typically 4% per degree Celsius until the point at which
the current drops to 25% of the full value, defined at TJL. Above
this temperature the current will continue to reduce at a lower
rate until the temperature reaches the overtemperature shutdown
threshold temperature, TJF. The temperature at which this effect
begins is defined as the thermal monitor activation temperature,
TJM, and is specified, in the characteristics table, at the 90% cur-
rent level.
In extreme cases, if the chip temperature exceeds the overtem-
perature limit, TJF, all regulators will be disabled. The tempera-
ture will continue to be monitored and the regulators re-activated
when the temperature drops below the threshold provided by the
specified hysteresis.
Note that it is possible for the A6264 to transition rapidly
between thermal shutdown and normal operation. This can hap-
pen if the thermal mass attached to the exposed thermal pad is
small and TJM is increased to close to the shutdown temperature.
The period of oscillation will depend on TJM, the dissipated
power, the thermal mass of any heatsink present, and the ambient
temperature.
100
80
60
40
20
0
TJM
TJL
TJF
90
25
70
90
110
Junction Temperature, TJ (°C)
130
150
170
Figure 2. Temperature monitor current reduction.


Similar Part No. - A6264KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6261ELPTR-T ALLEGRO-A6261ELPTR-T Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6264KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
   Choose one component from each of the colored sections to assemble a complete switch.
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
   Linear LED drive up to 150 mA
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6_12 Datasheet
253Kb / 9P
   Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com