Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6261 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6261
Description  The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6261 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6261 Datasheet HTML 5Page - Allegro MicroSystems A6261 Datasheet HTML 6Page - Allegro MicroSystems A6261 Datasheet HTML 7Page - Allegro MicroSystems A6261 Datasheet HTML 8Page - Allegro MicroSystems A6261 Datasheet HTML 9Page - Allegro MicroSystems A6261 Datasheet HTML 10Page - Allegro MicroSystems A6261 Datasheet HTML 11Page - Allegro MicroSystems A6261 Datasheet HTML 12Page - Allegro MicroSystems A6261 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Protected LED Array Driver
A6261
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Application Information
Power Dissipation
The most critical design considerations when using a linear regu-
lator such as the A6261 are the power produced internally as heat
and the rate at which that heat can be dissipated.
There are three sources of power dissipation in the A6261:
• The quiescent power to run the control circuits
• The power in the reference circuit
• The power due to the regulator voltage drop
The elements relating to these dissipation sources are illustrated
in figure 4.
Quiescent Power
The quiescent power is the product of the
quiescent current, IINQ, and the supply voltage, VIN, and is not
related to the regulated current. The quiescent power, PQ, is there-
fore defined as:
PQ = VIN × IINQ
(4)
Reference Power
The reference circuit draws the reference
current from the supply and passes it through the reference resis-
tor to ground. The reference current is 8% of the output current
on any one active output. The reference circuit power is the prod-
uct of the reference current and the difference between the supply
voltage and the reference voltage, typically 1.2 V. The reference
power, PREF, is therefore defined as:
PREF =
RREF
(VIN – VREF) × VREF
(5)
Regulator Power
In most application circuits the largest dis-
sipation will be produced by the output current regulators. The
power dissipated in each current regulator is simply the product
of the output current and the voltage drop across the regulator.
The total current regulator dissipation is the sum of the dissipa-
tion in each output regulator. The regulator power for each output
is defined as:
PREGx = (VIN – VLEDx ) × ILEDx
(6)
where x is 1, 2, 3, or 4.
Note that the voltage drop across the regulator, VREG , is always
greater than the specified minimum drop-out voltage, VDO. The
output current is regulated by making this voltage large enough
to provide the voltage drop from the supply voltage to the total
forward voltage of all LEDs in series, VLED.
The total power dissipated in the A6261 is the sum of the qui-
escent power, the reference power, and the power in each of the
four regulators:
PDIS = PQ + PREF
+ PREGA + PREGB + PREGC + PREGD
(7)
The power that is dissipated in each string of LEDs is:
PLEDx = VLEDx × ILEDx
(8)
where x is A, B, C, or D, and VLEDx is the voltage across all
LEDs in the string.
A6261
LAx
ILAx
IINQ
IREF
VIN
GND
IREF
RREF
VREF
VLED
VREG
VIN
Figure 4. Internal power dissipation sources.


Similar Part No. - A6261

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6262KLPTR-T ALLEGRO-A6262KLPTR-T Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6261

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6264 ALLEGRO-A6264 Datasheet
374Kb / 16P
   The A6264 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
   Choose one component from each of the colored sections to assemble a complete switch.
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
   Linear LED drive up to 150 mA
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6_12 Datasheet
253Kb / 9P
   Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com