Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ6274 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ6274
Description  0.3ohm Low-Voltage Dual-DPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6274 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ6274 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6274 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AOZ6274
Rev. 1.5 February 2010
www.aosmd.com
Page 4 of 9
AC Electrical Characteristics
Unless otherwise indicated, specifications indicate a temperature range of -40°C to +85°C.
All typical values are at 25°C unless otherwise specified.
Capacitance
Unless otherwise indicated, specifications indicate a temperature range of -40°C to +85°C.
All typical values are at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ. Max. Units
tON
Turn-On Time
nB0 or nB1 = 1.5V, RL = 50, CL = 35pF
3.6 to 4.3
35
60
ns
2.7 to 3.6
50
75
2.3 to 2.7
75
90
tOFF
Turn-Off Time
nB0 or nB1 = 1.5V, RL = 50, CL = 35pF
3.6 to 4.3
25
40
ns
2.7 to 3.6
30
50
2.3 to 2.7
40
60
tBBM
Break-Before-Make Time nB0 or nB1 = 1.5V, RL = 50, CL = 35pF
3.6 to 4.3
20
ns
2.7 to 3.6
30
2.3 to 2.7
40
Q
Charge Injection
CL = 100pF, VGEN = 0V, RGEN = 0
3.6 to 4.3
22
pC
2.7 to 3.6
15
2.3 to 2.7
10
OIRR
Off Isolation
f = 100kHz, RL = 50, CL = 5pF
3.6 to 4.3
-70
dB
2.7 to 3.6
-70
2.3 to 2.7
-70
Xtalk
Crosstalk
f = 100kHz, RL = 50, CL = 5pF
3.6 to 4.3
-70
dB
2.7 to 3.6
-70
2.3 to 2.7
-70
BW
-3dB Bandwidth
RL = 50
2.3 to 4.3
>55
MHz
THD
Total Harmonic
Distortion
RL = 32, VIN = 2Vpp, f = 20Hz to 20kHz
3.6 to 4.3
0.01
%
2.7 to 3.6
0.01
2.3 to 2.7
0.01
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ.
Max.
Units
CIN
Control Pin Input Capacitance
f = 1MHz
0.0
2.0
pF
COFF
B Port Off Capacitance
f = 1MHz
3.3
16
pF
CON
A Port On Capacitance
f = 1MHz
3.3
116
pF


Similar Part No. - AOZ6274

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6275 AOSMD-AOZ6275 Datasheet
435Kb / 10P
   0.35ohm Low-Voltage Dual-DPDT Analog Switch
AOZ6275QI AOSMD-AOZ6275QI Datasheet
435Kb / 10P
   0.35ohm Low-Voltage Dual-DPDT Analog Switch
More results

Similar Description - AOZ6274

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Alpha & Omega Semicondu...
AOZ6275 AOSMD-AOZ6275 Datasheet
435Kb / 10P
   0.35ohm Low-Voltage Dual-DPDT Analog Switch
logo
Vishay Siliconix
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. C, 30-Apr-07
DG2017 VISHAY-DG2017 Datasheet
77Kb / 7P
   Low-Voltage, Low ON, Dual DPDT Analog Switch
Rev. A, 26-May-03
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
   Low-Voltage, Low rON, Dual DPDT Analog Switch
Rev. B, 03-Mar-03
DG2017 VISHAY-DG2017_11 Datasheet
188Kb / 11P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. B, 13-Jun-11
DG3015 VISHAY-DG3015_V01 Datasheet
168Kb / 9P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com