Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ6238 Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ6238
Description  0.35 ohm Low-Voltage Dual SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6238 Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ6238 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ6238 Datasheet HTML 12Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev. 2.0 December 2011
www.aosmd.com
Page 9 of 12
AOZ6238
Package Dimensions, TQFN 1.8 x 1.4 x 0.55, 10L
UNIT: mm
E
Notes:
1. Controlling dimension is millimeter. Converted inch dimensions are not necessarily exact.
2. Angles are in degrees.
Symbols
A
A1
b
c
D
E
e
L
L1
Dimensions in millimeters
RECOMMENDED LAND PATTERN
Top View
Side View
Bottom View
Min.
0.50
0.00
0.15
1.35
1.75
0.35
Nom.
0.55
0.20
0.152 REF.
1.40
1.80
0.40 BSC
0.40
0.50 REF.
Max.
0.60
0.05
0.25
1.45
1.85
0.45
Symbols
A
A1
b
c
D
E
e
L
L1
Min.
0.020
0.000
0.006
0.053
0.069
0.014
Nom.
0.022
0.008
0.006 REF.
0.055
0.071
0.016 BSC
0.016
0.020 REF.
Max.
0.024
0.002
0.010
0.057
0.073
0.018
Dimensions in inches
D
e
A
A1
b (x10)
L1
e
L (x9)
Pin #1 ID
0.1 x 45°
c
2.00
Pin #1 Dot
by Marking
0.40
1.00
1.60
0.20
1.00
0.60
0.40
0.50
0.20
0.50
0.50
0.60
0.20


Similar Part No. - AOZ6238

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6232 AOSMD-AOZ6232 Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6232QI AOSMD-AOZ6232QI Datasheet
369Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6233 AOSMD-AOZ6233 Datasheet
425Kb / 11P
   0.35ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6233QI AOSMD-AOZ6233QI Datasheet
425Kb / 11P
   0.35ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
More results

Similar Description - AOZ6238

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com