Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ6232QI Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ6232QI
Description  0.25ohm Low-Voltage Dual-SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6232QI Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ6232QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ6232QI Datasheet HTML 11Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AOZ6232
Rev. 2.3 February 2012
www.aosmd.com
Page 7 of 11
AC Loading and Waveforms
VB
VOUT
RL
CL
35pF
VOUT
RL
CL
35pF
50
Ω
50
50%
Figure 3. Off Isolation
Figure 4. Crosstalk
S
B
A
0
GND
VOUT
50
Ω
50
Ω
50
Ω
Vcc
Network
Analyzer
Vcc or 0V
+
Source
Signal
VIN
S
B
A
1
GND
VOUT
50
Ω
50
Ω
50
Ω
Vcc
Network
Analyzer
Vcc or 0V
+
Source
Signal
VIN
B0
Vcc
0.9 x V
OUT
0.9 x V
OUT
Vcc
0V
Control
Input
Switch
Output
0
t
R
t
F
=
= 2.5nS
tOFF
t ON
VOUT
Logic input waveform are inverted for switches with opposite
logic sense
GND
GND
Vcc
VB
B0
B1
A
S
CL Includes Fixture and Stray Capacitance
CL Includes Fixture and Stray Capacitance
Vcc
0V
VOUT
0.9 x V
OUT
t D
t
R
t
F
=
= 2.5nS
Control
Input
50%
Figure 1. Turn-On/Turn-Off Timing
Figure 2. Break-Before-Make Timing`
Ω


Similar Part No. - AOZ6232QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6233 AOSMD-AOZ6233 Datasheet
425Kb / 11P
   0.35ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6233QI AOSMD-AOZ6233QI Datasheet
425Kb / 11P
   0.35ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6234QI AOSMD-AOZ6234QI Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
More results

Similar Description - AOZ6232QI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3535 VISHAY-DG3535_11 Datasheet
103Kb / 9P
   0.25ohm Low-Voltage Dual SPDT Analog Switch
Rev. G, 28-Feb-11
logo
Alpha & Omega Semicondu...
AOZ6234 AOSMD-AOZ6234 Datasheet
475Kb / 11P
   0.25ohm Low-Voltage Dual-SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com