Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3977 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3977
Description  Microstepping DMOS Driver with Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3977 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3977 Datasheet HTML 1Page - Allegro MicroSystems A3977 Datasheet HTML 2Page - Allegro MicroSystems A3977 Datasheet HTML 3Page - Allegro MicroSystems A3977 Datasheet HTML 4Page - Allegro MicroSystems A3977 Datasheet HTML 5Page - Allegro MicroSystems A3977 Datasheet HTML 6Page - Allegro MicroSystems A3977 Datasheet HTML 7Page - Allegro MicroSystems A3977 Datasheet HTML 8Page - Allegro MicroSystems A3977 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Microstepping DMOS Driver with Translator
A3977
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Packing
Package
Ambient Temperature, TA
(°C)
A3977KEDTR-T
450 per reel
44-pin PLCC
–40 to 125
A3977SEDTR-T
450 per reel
44-pin PLCC
–20 to 85
A3977SLPTR-T
4000 per reel
28-pin TSSOP
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
35
V
Logic Supply Voltage
VDD
7.0
V
Logic Input Voltage Range
VIN
Pulsed, tw > 30 ns
–0.3 to VDD+ 0.3
V
Pulsed, tw < 30 ns
–1.0 to VDD+ 1
V
Reference Voltage
VREF
VDD
V
Sense Voltage (DC)
VSENSE
0.5
V
Output Current
IOUT
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150°C.
±2.5
A
Operating Ambient Temperature
TA
Range K
–40 to 125
ºC
Range S
–20 to 85
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Thermal Characteristics
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package ED, on 4-layer PCB based on JEDEC standard
22
ºC/W
Package LP, on 4-layer PCB based on JEDEC standard
28
ºC/W
*Additional thermal information available on the Allegro website.


Similar Part No. - A3977

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3977 ALLEGRO-A3977 Datasheet
524Kb / 19P
   Microstepping DMOS Driver with Translator
A3977KED ALLEGRO-A3977KED Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3977KED-T ALLEGRO-A3977KED-T Datasheet
524Kb / 19P
   Microstepping DMOS Driver with Translator
A3977KLP ALLEGRO-A3977KLP Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3977SED ALLEGRO-A3977SED Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
More results

Similar Description - A3977

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com