Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA0861DRS7P2 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACA0861DRS7P2
Description  750/860 MHz CATV Line Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861DRS7P2 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACA0861DRS7P2 Datasheet HTML 1Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 2Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 3Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 4Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Data Sheet - Rev 2.3
09/2008
ACA0861 - A, B, C, D
Table 4: Electrical Specifications
(TA = +25 °C, VD = +12 VDC)
Notes:
(1) Measured performance of MMIC alone. Balun effects de-imbedded from measurement.
(2) Measured with a balun on input and output of the device. See Figure 3 for test setup.
(3) All parts measured with 110 channel flat input. Parts A and C measured at +34 dBmV output (per channel).
Parts B and D measured at +44 dBmV output (per channel).
(4) A fixed resistor is needed for parts A through C; part D does not need an external resistor (see Table 6.)
These resistors set the devices’ current draw. Bias voltage is +12 VDC.
PARAMETER
ACA0861A
ACA0861B
ACA0861C
ACA0861D
UNIT
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
Gain(1)
11.4 11.9 12.4 11.5
12
12.5 11.5
12
12.5 11.6 12.1 12.6
dB
Gain
Flatness(1)
-
-
+0.3
-
-
+0.3
-
-
+0.3
-
-
+0.3
dB
Noise Figure(2)
-
3
5
-
3
5
-
3
5
-
3
6
dB
CTB(2), (3)
77 Channels
110 Channels
128 Channels
-
-
-
-70
-68
-65
-
-64
-
-
-
-
-62
-60
-58
-
-57
-
-
-
-
-77
-75
-71
-
-68
-
-
-
-
-70
-68
-67
-
-66
-
dBc
CSO(2),(3)
77 Channels
110 Channels
128 Channels
-
-
-
-71
-71
-70
-
-66
-
-
-
-
-66
-66
-64
-
-60
-
-
-
-
-75
-75
-73
-
-68
-
-
-
-
-72
-72
-70
-
-68
-
dBc
XMOD(2),(3)
77 Channels
110 Channels
128 Channels
-
-
-
-67
-63
-59
-
-56
-
-
-
-
-62
-56
-55
-
-50
-
-
-
-
-74
-71
-67
-
-62
-
-
-
-
-71
-68
-66
-
-61
-
dBc
Supply
Current(4)
-
180
200
-
310
330
-
260
275
-
450
490
mA
Cable
Equivalent
Slope(1)
-0.5
-
1.0
-0.5
-
1.0
-0.5
-
1.0
-0.5
-
1.0
dB
Return Loss
(Input/Output)(1)
18
22
-
18
22
-
18
22
-
18
22
-
dB
Thermal
Resistance
(
JC)
-
-
6.0
-
-
6.0
-
-
6.0
-
-
6.0
C/W


Similar Part No. - ACA0861DRS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA0861DRS7P2 SKYWORKS-ACA0861DRS7P2 Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results

Similar Description - ACA0861DRS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
   750/860 MHz CATV LINE AMPLIFIER MMIC
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com