Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABA3130RS26Q1 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ABA3130RS26Q1
Description  50-1100 MHz Low Noise Amplifier/Attenuator with Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ABA3130RS26Q1 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ABA3130RS26Q1 Datasheet HTML 3Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 4Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 5Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 6Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 7Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 8Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 9Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 10Page - ANADIGICS, Inc ABA3130RS26Q1 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
04/2010
ABA3130
7
Figure 9: CtB vs. Frequency
(tC = +25 °C, Vdd = +5 V, 132 channels,
+15 dBmV input, +6dBmV output)
Figure 10 CsO vs. Frequency
(tC = +25 °C, Vdd = +5 V, 132 channels,
+15 dBmV input, +6dBmV output)
Figure 11: Gain Flatness at VAGC = 0 V
(tC = +25 °C, VCC = +5 V)
Figure 12: Gain Flatness at VAGC = +3 V
(tC = +25 °C, Vdd = +5 V)
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
0
100
200
300
400
500
600
700
800
900
1000
Frequency (Mhz)
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
0
100
200
300
400
500
600
700
800
900
1000
Frequency (Mhz)
-38
-37
-36
-35
-34
-33
-32
0
100
200
300
400
500
600
700
800
900
1000
1100
Frequency (Mhz)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
900
1000
1100
Frequency (Mhz)


Similar Part No. - ABA3130RS26Q1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ABA3130RS26Q1 SKYWORKS-ABA3130RS26Q1 Datasheet
521Kb / 14P
   50-1100 MHz Low Noise Amplifier/ Attenuator with Gain Control
More results

Similar Description - ABA3130RS26Q1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ABA3130 SKYWORKS-ABA3130 Datasheet
521Kb / 14P
   50-1100 MHz Low Noise Amplifier/ Attenuator with Gain Control
logo
NXP Semiconductors
MBC13706 NXP-MBC13706 Datasheet
261Kb / 4P
   GSM Low Noise Amplifier with Gain Control
Rev 0
logo
Broadcom Corporation.
ALM-1522 BOARDCOM-ALM-1522 Datasheet
1Mb / 12P
   700 ??1100 MHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
logo
List of Unclassifed Man...
WHM13-3530A ETC-WHM13-3530A Datasheet
213Kb / 5P
   1100-1400 MHz LOW NOISE AMPLIFIER WHM13-3530A
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com