Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0191900000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0191900000
Description  Wire-end ferrule, 4 mm짼
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0191900000 Datasheet(HTML) 2 Page - Weidmuller

  0191900000 Datasheet HTML 1Page - Weidmuller 0191900000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Tools | Wire end ferrules | Wire end ferrules without plastic collar | Nominal conductor cross-section
0.25 mm² - 6.0 mm²
- 2 -
9004060000
H1,5/12
Wire-end ferrule, 1.5 mm²
9004070000
H1,5/18
Wire-end ferrule, 1.5 mm²
0373000000
H2,5/7
Wire-end ferrule, 2.5 mm²
9004080000
H2,5/10
Wire-end ferrule, 2.5 mm²
0186100000
H2,5/12
Wire-end ferrule, 2.5 mm²
9004090000
H2,5/18
Wire-end ferrule, 2.5 mm²
0244100000
H4,0/12
Wire-end ferrule, 4 mm²
9004100000
H4,0/15
Wire-end ferrule, 4 mm²
9004110000
H4,0/18
Wire-end ferrule, 4 mm²
9004120000
H6,0/10
Wire-end ferrule, 6 mm²
0191900000
H6,0/12
Wire-end ferrule, 6 mm²
0124700000
H6,0/15
Wire-end ferrule, 6 mm²
9004130000
H6,0/18
Wire-end ferrule, 6 mm²


Similar Part No. - 0191900000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
019193-0201 MOLEX4-019193-0201 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
019193-0218 MOLEX4-019193-0218 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930007 MOLEX4-0191930007 Datasheet
71Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0191930008 MOLEX4-0191930008 Datasheet
72Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0191930009 MOLEX4-0191930009 Datasheet
71Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 18-22 AWG Wire
More results

Similar Description - 0191900000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0244100000 WEIDMULLER-0244100000 Datasheet
58Kb / 2P
   Wire-end ferrule, 4 mm짼
0282900000 WEIDMULLER-0282900000 Datasheet
58Kb / 2P
   Wire-end ferrule, 10 mm짼
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
9037460000 WEIDMULLER-9037460000 Datasheet
231Kb / 3P
   Wire-end ferrule, Twin wire-end ferrule, 22 mm, 18mm
September 28, 2021
0409500000 WEIDMULLER-0409500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.5 mm짼, 6 mm, Colour code: Weidm체ller, Orange
0409600000 WEIDMULLER-0409600000 Datasheet
56Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 6 mm, Colour code: Weidm체ller, white
0534200000 WEIDMULLER-0534200000 Datasheet
55Kb / 2P
   Wire-end ferrule, 10 mm짼, 12 mm, Colour code: Weidm체ller, Ivory
0463000000 WEIDMULLER-0463000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 8 mm, Colour code: Weidm체ller, yellow
0533500000 WEIDMULLER-0533500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 6 mm짼, 12 mm, Colour code: Weidm체ller, black
0409700000 WEIDMULLER-0409700000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 6 mm, Colour code: Weidm체ller, yellow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com