Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5366CA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A5366CA
Description  The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366CA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A5366CA Datasheet HTML 1Page - Allegro MicroSystems A5366CA Datasheet HTML 2Page - Allegro MicroSystems A5366CA Datasheet HTML 3Page - Allegro MicroSystems A5366CA Datasheet HTML 4Page - Allegro MicroSystems A5366CA Datasheet HTML 5Page - Allegro MicroSystems A5366CA Datasheet HTML 6Page - Allegro MicroSystems A5366CA Datasheet HTML 7Page - Allegro MicroSystems A5366CA Datasheet HTML 8Page - Allegro MicroSystems A5366CA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Photoelectric Smoke Detector
with Interconnect and Timer
A5366
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Line Regulation
ΔVIRED(ΔVDD) Active, VDD = 6 to 12 V
6
–35
dB
IRED Temperature Coefficient
αIRED
VDD = 6 to 12 V
6
0.40
%/°C
High-Level Output Current
IOH
VDD = Alarm, I/O active,VO = VDD – 2 V
7
9
–4.0
mA
OFF Leakage Current High
IOZ
VO = VDD
11, 13
12
1.0
μA
OFF Leakage Current Low
IOZ
VO = VSS
11, 13
12
–1.0
μA
Low-Battery Alarm Threshold
VDD(th)
5
6.9
7.2
7.5
V
Common Mode Voltage
VIC
Any alarm condition
1, 2, 3
-
VDD
– 4
VDD
– 2
V
Smoke Comparator
Reference Voltage
VREF
Any alarm condition
Internal
-
VDD
– 3.7
VDD
– 3.3
V
1
Limits over the operating temperature range are based on characterization data. Characteristics are production tested at 25°C only.
2
Typical values are at 25°C and are given for circuit design information only.
DC ELECTRICAL CHARACTERISTICS (continued) at TA = –25°C to 75°C1, VSS = 0 V, in typical application (unless otherwise noted)
Characteristic
Symbol
Test Conditions
Test Pin
VDD
Min.
Typ.2
Max.
Units
AC ELECTRICAL CHARACTERISTICS at TA = –25°C to 75°C1. VSS = 0 V, in typical application (unless otherwise noted)
Characteristic
Symbol
Test Conditions
Test Pin
VDD
Min.
Typ.2
Max.
Units
Oscillator Period
tosc
12
9
9.4
10.5
11.5
ms
LED Pulse Period
tled1
No local or remote smoke
11
9
39
48
s
tled3
Local smoke
11
9
0.45
0.50
0.55
s
tled4
Remote smoke only
11
9
No LED
Pulses
–s
tled6
Pushbutton test, induced alarm
11
9
0.45
0.50
0.55
s
tled7
Timer mode, no alarm
11
9
9.67
10.75
11.83
s
LED Pulse Width
tw(led)
11
9
9.5
11.5
ms
STROBE Pulse Period
tst1
No local or remote smoke
4
9
9.6
11.9
s
tst2
After 1 of 3 valid samples
4
9
1.8
2.0
2.2
s
tst3
After 2 of 3 valid samples and during local
alarm
4
9
0.8
1.0
1.1
s
tst4
Remote smoke only
4
9
7.2
8.0
8.9
s
tst5
Chamber test or low battery test, no local
alarm
4
9
38.9
47.1
s
tst6
Pushbutton test, induced alarm
4
9
225
252
278
ms
STROBE Pulse Width
tw(st)
4
9
9.5
11.5
ms
Continued on the next page…


Similar Part No. - A5366CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366CA SENSITRON-A5366CA Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5366CA-T SENSITRON-A5366CA-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results

Similar Description - A5366CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5358 ALLEGRO-A5358 Datasheet
326Kb / 13P
   The A5358 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
A5348 ALLEGRO-A5348 Datasheet
282Kb / 9P
   The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
A5367 ALLEGRO-A5367 Datasheet
281Kb / 10P
   The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
SHANGHAI BELLING CO., L...
BL5980 BELLING-BL5980 Datasheet
535Kb / 30P
   Low Voltage Photoelectric Smoke Detector ASIC
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
   The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
   The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com