Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4980KLPTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4980KLPTR-T
Description  The A4980 is a flexible microstepping motor driver with built-in translator for easy operation.
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4980KLPTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4980KLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4980KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Automotive, Programmable Stepper Driver
A4980
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Packing*
A4980KLP-T
50 pieces per tube
4.4 mm × 9.7 mm, 1.2 mm nominal height
TSSOP with exposed thermal pad
A4980KLPTR-T
4000 pieces per reel
*Contact Allegro® for additional packing options
Absolute Maximum Ratings With respect to GND
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VBBx
Applies to VBBA and VBBB
–0.3 to 50
V
Logic Supply Voltage
VDD
–0.3 to 6
V
Pin CP1
–0.3 to VBB
V
Pins CP2, VCP
–0.3 to VBB+8
V
Pins STEP, DIR, ENABLE, DIAG
–0.3 to 6
V
Pin VREG
–0.3 to 8.5
V
Pin RESETn
Can be pulled to VBB with 38 kΩ
–0.3 to 6
V
Pin OSC
–0.3 to 6
V
Pins MS0, MS1
–0.3 to 6
V
Pins SDI, SDO, SCK, STRn
–0.3 to 6
V
Pin REF
–0.3 to 6
V
Pins OAP, OAM, OBP, OBM
–0.3 to VBB
V
Pins SENSA, SENSB
–0.3 to 1
V
Ambient Operating Temperature
Range
TA
Range K; limited by power dissipation
–40 to 150
°C
Maximum Continuous Junction
Temperature
TJ(max)
150
°C
Transient Junction Temperature
TtJ
Overtemperature event not exceeding 10 s,
lifetime duration not exceeding 10 hours,
guaranteed by design and characterization
175
°C
Storage Temperature Range
Tstg
–55 to 150
°C
Thermal Characteristics may require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
(Junction to Ambient)
RθJA
4-layer PCB based on JEDEC standard
28
ºC/W
2-layer PCB with 24.52 cm2 of copper area each side
32
ºC/W
Package Thermal Resistance
(Junction to Pad)
RθJP
2
ºC/W
*Additional thermal information available on the Allegro website


Similar Part No. - A4980KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982SET-T ALLEGRO-A4982SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4982SETTR-T ALLEGRO-A4982SETTR-T Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4982SLP-T ALLEGRO-A4982SLP-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
More results

Similar Description - A4980KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4979 ALLEGRO-A4979 Datasheet
987Kb / 44P
   The A4979 is a flexible microstepping motor driver with built-in translator for easy operation.
A3983 ALLEGRO-A3983_10 Datasheet
353Kb / 12P
   The A3983 is a complete microstepping motor driver with built-in translator for easy operation.
A3984 ALLEGRO-A3984_08 Datasheet
361Kb / 12P
   The A3984 is a complete microstepping motor driver with built-in translator for easy operation.
logo
Jiaxing Heroic Technolo...
HR3967 HEROIC-HR3967 Datasheet
162Kb / 2P
   Microstepping motor driver chip with built-in converter
logo
Allegro MicroSystems
A3967SLB ALLEGRO-A3967SLB Datasheet
545Kb / 16P
   MICROSTEPPING DRIVER WITH TRANSLATOR
A3967SLBTR-T ALLEGRO-A3967SLBTR-T Datasheet
443Kb / 15P
   Microstepping Driver with Translator
A3967 ALLEGRO-A3967 Datasheet
443Kb / 15P
   Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com