Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0372700000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0372700000
Description  Wire-end ferrule, 4 mm짼
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0372700000 Datasheet(HTML) 1 Page - Weidmuller

  0372700000 Datasheet HTML 1Page - Weidmuller 0372700000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Tools | Wire end ferrules | Wire end ferrules without plastic collar | Nominal conductor cross-section
0.25 mm² - 6.0 mm²
- 1 -
General ordering data
Order No.
0373100000
Part designation
H4,0/9
Version
Wire-end ferrule, 4 mm²
EAN
4008190164669
Qty.
500 pc(s).
Technical data
Length
9 mm
Width
2.8 mm
Height
2.8 mm
Product data
Conductor rated cross-section
4 mm²
AWG
12
Total length (L1)
9 mm
Contact surface diameter (D1)
2.8 mm
Metal sleeve thickness (S1)
0.2 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000005
ETIM 3.0
EC000005
eClass 4.1
27-06-07-01
eClass 5.0
27-40-02-01
eClass 5.1
27-40-02-01
Similar products
Order No.
Part designation
Version
9018910000
H0.25/5
Wire-end ferrule, 0.25 mm²
0282600000
H0.5/6
Wire-end ferrule, 0.5 mm²
9004050000
H0,5/10
Wire-end ferrule, 0.5 mm²
0282700000
H0.75/6
Wire-end ferrule, 0.75 mm²
0542500000
H0.75/10
Wire-end ferrule, 0.75 mm²
0372600000
H1,0/6
Wire-end ferrule, 1 mm²
0282800000
H1,0/10
Wire-end ferrule, 1 mm²
0372700000
H1,5/7
Wire-end ferrule, 1.5 mm²
0186500000
H1,5/10
Wire-end ferrule, 1.5 mm²


Similar Part No. - 0372700000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0372700000 WEIDMULLER-0372700000 Datasheet
58Kb / 2P
   Wire-end ferrule, 4 mm짼
More results

Similar Description - 0372700000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0244100000 WEIDMULLER-0244100000 Datasheet
58Kb / 2P
   Wire-end ferrule, 4 mm짼
0282900000 WEIDMULLER-0282900000 Datasheet
58Kb / 2P
   Wire-end ferrule, 10 mm짼
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
9037460000 WEIDMULLER-9037460000 Datasheet
231Kb / 3P
   Wire-end ferrule, Twin wire-end ferrule, 22 mm, 18mm
September 28, 2021
0409500000 WEIDMULLER-0409500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.5 mm짼, 6 mm, Colour code: Weidm체ller, Orange
0409600000 WEIDMULLER-0409600000 Datasheet
56Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 6 mm, Colour code: Weidm체ller, white
0534200000 WEIDMULLER-0534200000 Datasheet
55Kb / 2P
   Wire-end ferrule, 10 mm짼, 12 mm, Colour code: Weidm체ller, Ivory
0463000000 WEIDMULLER-0463000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 8 mm, Colour code: Weidm체ller, yellow
0533500000 WEIDMULLER-0533500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 6 mm짼, 12 mm, Colour code: Weidm체ller, black
0409700000 WEIDMULLER-0409700000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 6 mm, Colour code: Weidm체ller, yellow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com