Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4952 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A4952
Description  Designed for pulse width modulated (PWM) control of DC motors, the A4952 and A4953 are capable of peak output currents to 짹2 A and operating voltages to 40 V.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4952 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A4952 Datasheet HTML 3Page - Allegro MicroSystems A4952 Datasheet HTML 4Page - Allegro MicroSystems A4952 Datasheet HTML 5Page - Allegro MicroSystems A4952 Datasheet HTML 6Page - Allegro MicroSystems A4952 Datasheet HTML 7Page - Allegro MicroSystems A4952 Datasheet HTML 8Page - Allegro MicroSystems A4952 Datasheet HTML 9Page - Allegro MicroSystems A4952 Datasheet HTML 10Page - Allegro MicroSystems A4952 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Full-Bridge DMOS PWM Motor Drivers
A4952 and
A4953
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LJ, 8-Pin SOICN
with exposed thermal pad
3.30
2
1
8
Reference land pattern layout (reference IPC7351
SOIC127P600X175-9AM); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances; when mounting on a multilayer
PCB, thermal vias at the exposed thermal pad land can improve thermal
dissipation (reference EIA/JEDEC Standard JESD51-5)
PCB Layout Reference View
C
1.27
5.60
2.41
1.75
0.65
2.41 NOM
3.30 NOM
C
SEATING
PLANE
1.27 BSC
GAUGE PLANE
SEATING PLANE
A Terminal #1 mark area
B
C
B
2
1
8
C
SEATING
PLANE
C
0.10
8X
0.25 BSC
1.04 REF
1.70 MAX
For Reference Only; not for tooling use (reference MS-012BA)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
4.90 ±0.10
3.90 ±0.10
6.00 ±0.20
0.51
0.31
0.15
0.00
0.25
0.17
1.27
0.40
Exposed thermal pad (bottom surface); dimensions may vary with device
A
Branded Face


Similar Part No. - A4952

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952 Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952ELYTR-T ALLEGRO-A4952ELYTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
More results

Similar Description - A4952

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP17012 PANASONIC-AEP17012 Datasheet
230Kb / 8P
   Control of large voltages and currents
logo
Allegro MicroSystems
A4930 ALLEGRO-A4930 Datasheet
206Kb / 9P
   Designed for pulse width modulated (PWM) current control of single phase brushless fans, the A4930 minimizes external component count and integrates all the key features required...
logo
Shindengen Electric Mfg...
MCZ3001D SHINDENGEN-MCZ3001D Datasheet
154Kb / 2P
   Pulse Width Modulated Control Circuit
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
   Pulse Width Modulated Control Circuit
logo
Littelfuse
SMD2016 LITTELFUSE-SMD2016 Datasheet
92Kb / 2P
   These devices offer a wide range of hold currents from 0.3 A to 2.0 A and voltages form 6 V to 60 V.
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
Texas Instruments
PT6932C TI-PT6932C Datasheet
371Kb / 7P
[Old version datasheet]   The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
logo
PHOENIX CONTACT
2811886 PHOENIX-2811886 Datasheet
60Kb / 3P
   For control cabinet mounting of the operating and display unit
logo
Linear Dimensions Semic...
LND-SA55 LINEAR_DIMENSIONS-LND-SA55 Datasheet
112Kb / 1P
   Pulse Width Modulated Amplifier
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com