Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5311 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5311
Description  2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5311 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5311 Datasheet HTML 4Page - Analog Devices AD5311 Datasheet HTML 5Page - Analog Devices AD5311 Datasheet HTML 6Page - Analog Devices AD5311 Datasheet HTML 7Page - Analog Devices AD5311 Datasheet HTML 8Page - Analog Devices AD5311 Datasheet HTML 9Page - Analog Devices AD5311 Datasheet HTML 10Page - Analog Devices AD5311 Datasheet HTML 11Page - Analog Devices AD5311 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV. 0
AD5301/AD5311/AD5321
–8–
I – mA
5
0
03
6
3
2
1
4
15
5V SOURCE
3V SOURCE
3V SINK
5V SINK
912
Figure 11. Source and Sink Current
Capability
VDD – Volts
1.0
0
2.7
3.2
5.2
3.7
4.2
4.7
0.4
0.2
0.8
0.6
–40 C
+25 C
+105 C
Figure 14. Power-Down Current vs.
Supply Voltage
CH1 1V, CH2 1V, TIME BASE = 20 s/DIV
CH2
CH1
VDD
VOUT
TA = +25 C
Figure 17. Power-On Reset to 0 V
200
ZERO-SCALE
FULL-SCALE
180
160
140
120
100
80
60
40
20
0
CODE
VDD = 5V
VDD = 3V
TA = +25 C
Figure 12. Supply Current vs. Code
V – Volts
300
0
0
150
100
250
200
1.0
2.0
3.0
4.0
5.0
50
TA = +25 C
VDD = +5V
VDD = +3V
INCREASING
DECREASING
Figure 15. Supply Current vs. Logic
Input Voltage for SDA and SCL Volt-
age Increasing and Decreasing
CH1 1V, CH2 5V, TIME BASE = 1 s/DIV
CH2
CH1
VOUT
SCL
TA = +25 C
VDD = +5V
Figure 18. Exiting Power-Down to
Midscale
VDD – Volts
200
0
2.7
3.2
3.7
4.2
100
50
4.7
5.2
150
–40 C
+25 C
+105 C
Figure 13. Supply Current vs. Supply
Voltage
CH1 1V, TIME BASE = 5 s/DIV
CH1
VOUT
VDD = +5V
TA = +25 C
LOAD = 2k
AND
200pF TO GND
Figure 16. Half-Scale Settling (1/4 to
3/4 Scale Code Charge)
2.48
2.49
2.47
2.50
Figure 19. Major-Code Transition


Similar Part No. - AD5311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311 AD-AD5311 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5311 AD-AD5311 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5337 AD-AD5337 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com