Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8937AQJ21C-T Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8937AQJ21C-T
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937AQJ21C-T Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8937AQJ21C-T Datasheet HTML 4Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 5Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 6Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 7Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 8Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 9Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 10Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 11Page - Active-Semi, Inc ACT8937AQJ21C-T Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 8 -
www.active-semi.com
Figure 1:
I
2C Compatible Serial Bus Timing
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VVSYS = 3.1V to 5.5V, TA = -40ºC to 85ºC
0.35
V
SCL, SDA Input High
VVSYS = 3.1V to 5.5V, TA = -40ºC to 85ºC
1.55
V
SDA Leakage Current
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Period, tSCL
1.5
µs
SDA Data Setup Time, tSU
100
ns
SDA Data Hold Time, tHD
300
ns
Start Setup Time, tST
For Start Condition
100
ns
Stop Setup Time, tSP
For Stop Condition
100
ns
SCL Leakage Current
2
5
µA
I
2C INTERFACE ELECTRICAL CHARACTERISTICS
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition


Similar Part No. - ACT8937AQJ21C-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8937 ACTIVE-SEMI-ACT8937 Datasheet
93Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
09-Nov-10
ACT8937 ACTIVE-SEMI-ACT8937 Datasheet
975Kb / 44P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 0, 21-Sep-10
ACT8937QJ206-T ACTIVE-SEMI-ACT8937QJ206-T Datasheet
975Kb / 44P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 0, 21-Sep-10
ACT8937QJ21C-T ACTIVE-SEMI-ACT8937QJ21C-T Datasheet
975Kb / 44P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 0, 21-Sep-10
ACT8937QJ2PQ-T ACTIVE-SEMI-ACT8937QJ2PQ-T Datasheet
975Kb / 44P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 0, 21-Sep-10
More results

Similar Description - ACT8937AQJ21C-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8937 ACTIVE-SEMI-ACT8937 Datasheet
93Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
09-Nov-10
ACT8897 ACTIVE-SEMI-ACT8897_14 Datasheet
595Kb / 32P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 2, 05-Sep-13
ACT8937 ACTIVE-SEMI-ACT8937_14 Datasheet
975Kb / 44P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 0, 21-Sep-10
ACT8897 ACTIVE-SEMI-ACT8897 Datasheet
110Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
29-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
   Advanced PMU for Samsung S3C6410
09-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8894 ACTIVE-SEMI-ACT8894 Datasheet
85Kb / 2P
   Advanced PMU for Samsung S3C2416/S3C2450
29-Nov-10
ACT8934A ACTIVE-SEMI-ACT8934A Datasheet
768Kb / 45P
   Advanced PMU for Samsung S3C2416/S3C2450
Rev 1, 22-Oct-12
ACT8934 ACTIVE-SEMI-ACT8934 Datasheet
100Kb / 2P
   Advanced PMU for Samsung S3C2416/S3C2450
05-Nov-10
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com