Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1391 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1391
Description  Micro Power 3 V Linear Hall Effect Sensor ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1391 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1391 Datasheet HTML 6Page - Allegro MicroSystems A1391 Datasheet HTML 7Page - Allegro MicroSystems A1391 Datasheet HTML 8Page - Allegro MicroSystems A1391 Datasheet HTML 9Page - Allegro MicroSystems A1391 Datasheet HTML 10Page - Allegro MicroSystems A1391 Datasheet HTML 11Page - Allegro MicroSystems A1391 Datasheet HTML 12Page - Allegro MicroSystems A1391 Datasheet HTML 13Page - Allegro MicroSystems A1391 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Micro Power 3 V Linear Hall Effect Sensor ICs
with Tri-State Output and User Selectable Sleep Mode
A1391, A1392,
A1393, and A1395
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Device Low-Power Functionality
A139x are low-power Hall effect sensor ICs that are perfect for
power sensitive customer applications. The current consumption
of these devices is typically 3.2 mA, while the device is in the
active mode, and less than 25 μA when the device is in the sleep
mode. Toggling the logic level signal connected to the S¯¯L¯¯E¯¯E¯¯P¯ pin
drives the device into either the active mode or the sleep mode.
A logic low sleep signal drives the device into the sleep mode,
while a logic high sleep signal drives the device into the active
mode.
In the case in which the VREF pin is powered before the VCC
pin, the device will not operate within the specified limits until
the supply voltage is equal to the reference voltage. When the
device is switched from the sleep mode to the active mode, a time
defined by tPON must elapse before the output of the device is
valid. The device output transitions into the high impedance state
approximately tPOFF seconds after a logic low signal is applied to
the S¯¯L¯¯E¯¯E¯¯P¯ pin (see figure 1).
If possible, it is recommended to power-up the device in the
sleep mode. However, if the application requires that the device
be powered on in the active mode, then a 10 kΩ resistor in series
with the S¯¯L¯¯E¯¯E¯¯P¯ pin is recommended. This resistor will limit the
current that flows into the S¯¯L¯¯E¯¯E¯¯P¯ pin if certain semiconductor
junctions become forward biased before the ramp up of the volt-
age on the VCC pin. Note that this current limiting resistor is not
required if the user connects the S¯¯L¯¯E¯¯E¯¯P¯ pin directly to the VCC
pin. The same precautions are advised if the device supply is
powered-off while power is still applied to the S¯¯L¯¯E¯¯E¯¯P¯ pin.
B field
VCC
VSLEEP
ICC
VOUT
tPON
tPON
+B
0
–B
tPOFF
tPOFF
HIGH
IMPEDANCE
HIGH
IMPEDANCE
HIGH
IMPEDANCE
Figure 1. A139x Timing Diagram


Similar Part No. - A1391

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391 Datasheet
523Kb / 15P
   Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode
October 26, 2011
A1391SEHLT-T ALLEGRO-A1391SEHLT-T Datasheet
523Kb / 15P
   Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode
October 26, 2011
A1391SEHLT-T2 ALLEGRO-A1391SEHLT-T2 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
More results

Similar Description - A1391

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com