Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8311NHADJ-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8311NHADJ-T
Description  1.5A, PWM Step-Down DC/DCs in TDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8311NHADJ-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8311NHADJ-T Datasheet HTML 1Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8311NHADJ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT8309/8310/8311
1.5A, PWM Step-Down DC/DCs in TDFN
SYSTEM BLOCK DIAGRAM
FEATURES
Multiple Patents Pending
Up to 95% High Efficiency
Up to 1.5A Guaranteed Output Current (ACT8311)
1.35MHz Constant Frequency Operation
Internal Synchronous Rectifier Eliminates
Schottky Diode
ACT8309: Up to 900mA
ACT8310: Up to 1.2A
ACT8311: Up to 1.5A
100% Duty Cycle Low-Dropout Operation
0.1µA Shutdown Current
Small TDFN33-8 Package
− RoHS-Compliant
Enable/Disable Control
Minimal External Components
APPLICATIONS
Wireless Handhelds
Portable Devices
GPS/PND equipment
GENERAL DESCRIPTION
The patent-pending ACT8309/ACT8310/ACT8311
are current-mode, fixed-frequency PWM, synchro-
nous step-down DC/DC converters that are capable
of delivering 1.5A with efficiency of up to 95%.
These devices operate with a fixed frequency of
1.35MHz, minimizing noise in sensitive equipment
as well as optimizing both efficiency and component
size and cost.
These devices feature very low-resistance power
MOSFET and 100% duty cycle operation, making
them ideal choices for portable applications requir-
ing a 3.0V or 3.3V rail to be generated from a Li+
battery.
The ACT8311 is capable of supplying up to 1.5A of
output current, while the ACT8309 and ACT8310
are capable of supplying up to 900mA and 1.2A,
respectively. All three devices have adjustable out-
put voltages that are programmable down to 1.2V.
Contact Active-Semi for custom fixed output voltage
availability.
Rev 1, 15-Nov-12
Pb-free
ACT8311
IN
SW
FB
G
VOUT
Up to 1.5A
EN
ON
OFF
POK
GP
2.7V to 5.0V
Power-OK
Output


Similar Part No. - ACT8311NHADJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8311NHADJ-T ACTIVE-SEMI-ACT8311NHADJ-T Datasheet
363Kb / 11P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results

Similar Description - ACT8311NHADJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8309 ACTIVE-SEMI-ACT8309 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8309 ACTIVE-SEMI-ACT8309_14 Datasheet
363Kb / 11P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
   Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
   Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
   Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com