Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1250 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1250
Description  Hall Effect Latch / Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1250 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1250 Datasheet HTML 4Page - Allegro MicroSystems A1250 Datasheet HTML 5Page - Allegro MicroSystems A1250 Datasheet HTML 6Page - Allegro MicroSystems A1250 Datasheet HTML 7Page - Allegro MicroSystems A1250 Datasheet HTML 8Page - Allegro MicroSystems A1250 Datasheet HTML 9Page - Allegro MicroSystems A1250 Datasheet HTML 10Page - Allegro MicroSystems A1250 Datasheet HTML 11Page - Allegro MicroSystems A1250 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Hall Effect Latch / Bipolar Switch
A1250
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package UA 3-Pin SIP
23
1
1.27 NOM
2.16
MAX
0.51
REF
45°
C
45°
0.79 REF
B
E
E
E
2.04
1.44
Gate burr area
A
B
C
Dambar removal protrusion (6X)
A
D
E
D
Branding scale and appearance at supplier discretion
Hall element, not to scale
Active Area Depth, 0.50 mm REF
For Reference Only; not for tooling use (reference DWG-9049)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Standard Branding Reference View
= Supplier emblem
N = Last three digits of device part number
NNN
1
Mold Ejector
Pin Indent
Branded
Face
4.09 +0.08
–0.05
0.41 +0.03
–0.06
3.02 +0.08
–0.05
0.43 +0.05
–0.07
15.75 ±0.51
1.52 ±0.5


Similar Part No. - A1250

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250 Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
ITT Industries
A12503MNZQ ITT-A12503MNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A12503MSZQ ITT-A12503MSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A12503RNZQ ITT-A12503RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A12503RSZQ ITT-A12503RSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
More results

Similar Description - A1250

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com