Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4402 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A4402
Description  The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)?봢ach with adjustable output voltages.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4402 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A4402_12 Datasheet HTML 2Page - Allegro MicroSystems A4402_12 Datasheet HTML 3Page - Allegro MicroSystems A4402_12 Datasheet HTML 4Page - Allegro MicroSystems A4402_12 Datasheet HTML 5Page - Allegro MicroSystems A4402_12 Datasheet HTML 6Page - Allegro MicroSystems A4402_12 Datasheet HTML 7Page - Allegro MicroSystems A4402_12 Datasheet HTML 8Page - Allegro MicroSystems A4402_12 Datasheet HTML 9Page - Allegro MicroSystems A4402_12 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Constant On-Time Buck Converter
With Integrated Linear Regulator
A4402
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VIN1
VIN1
ENB
ENB
VSW
VO2
NPOR
UVLO Rising
UVLO Rising
tpor
tss
UVLO Falling
UVLO Falling
6 V
18 V
VSW
VO2
NPOR
tpor
tss
VPOR
VCTSET
UVLO Rising
tpor
UVLO Rising
tpor
tss
Power-Up and Power-Down Timing Diagrams
Using ENB
Using VIN1


Similar Part No. - A4402_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4402 ALLEGRO-A4402_1 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A4402_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM138QML TI1-LM138QML Datasheet
715Kb / 34P
[Old version datasheet]   Military Grade 5-A Adjustable Output Linear Regulator
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com