Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4515 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4515
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4515 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4515_12 Datasheet HTML 1Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 2Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 3Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 4Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 5Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 6Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 7Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 8Page - Active-Semi, Inc ACT4515_12 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
Up to 40V Input Voltage
Up to 1.5A Constant Output Current
Output Voltage up to 12V
Patent Pending Active CC Constant Current
Control
Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
Resistor Programmable Outputs
Current Limit from 400mA to 1500mA
Patented cable compensation from 0Ω to 0.5Ω
±7.5% CC Accuracy
Compensation of Input/ Output Voltage Change
Temperature Compensation
Independent of Inductance and Inductor DCR
2% Feedback Voltage Accuracy
Up to 93% Efficiency
210kHz Switching Frequency Eases EMI Design
Advanced Feature Set
Integrated Soft Start
Thermal Shutdown
Secondary Cycle-by-Cycle Current Limit
Protection Against Shorted ISET Pin
SOP-8 Package
APPLICATIONS
Car Charger
Rechargeable Portable Devices
General-Purpose CC/CV Supply
GENERAL DESCRIPTION
ACT4515 is a wide input voltage, high efficiency
Active CC step-down DC/DC converter that
operates in either CV (Constant Output Voltage)
mode or CC (Constant Output Current) mode.
ACT4515 provides up to 1.5A output current at
210kHz switching frequency.
Active CC is a patent-pending control scheme to
achieve highest accuracy sensorless constant
current control. Active CC eliminates the expensive,
high accuracy current sense resistor, making it ideal
for
battery
charging
applications
and
high-
brightness LED drive for architectural lighting. The
ACT4515 achieves higher efficiency than traditional
constant current switching regulators by eliminating
the sense resistor and its associated power loss.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-8
package and require very few external devices for
operation.
ACT4515
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
CC/CV Curve vs. Load Current
6.0
5.0
4.0
3.0
2.0
1.0
0.0
IOUT Current (mA)
0
250
500
750
1000
1250
1500
V0UT = 5V
VIN = 12V
VIN = 24V


Similar Part No. - ACT4515_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
More results

Similar Description - ACT4515_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com