Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT111A Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT111A
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111A Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT111A Datasheet HTML 1Page - Active-Semi, Inc ACT111A Datasheet HTML 2Page - Active-Semi, Inc ACT111A Datasheet HTML 3Page - Active-Semi, Inc ACT111A Datasheet HTML 4Page - Active-Semi, Inc ACT111A Datasheet HTML 5Page - Active-Semi, Inc ACT111A Datasheet HTML 6Page - Active-Semi, Inc ACT111A Datasheet HTML 7Page - Active-Semi, Inc ACT111A Datasheet HTML 8Page - Active-Semi, Inc ACT111A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACT111A
Rev 2, 22-Oct-12
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT111AUS-T
-40°C to 85°C
SOT23-6
6
TAPE & REEL
TOP MARK
FRWE
SOT23-6
ACT111AUS-T
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
FB
Feedback Input for regulating LED current. The voltage at this pin is regulated to
0.1V. An external resistor is connected from this pin to ground to sense the LED
current.
2
GND
Ground.
3
BST
Bootstrap pin. This provides power to the internal high-side N channel MOSFET
gate driver. Connect a 2.2nF capacitor from the pin to SW pin.
4
SW
Internal N channel power MOSFET source output pin. Connect it to one end of
power inductor.
5
IN
Power supply input. Bypass this pin with a 10µF ceramic capacitor to GND, placed
as close to the IC as possible.
6
DIM
PWM signal input for dimming control. Apply PWM signal with amplitude greater
than 2V to this pin. The device is enabled as DIM pin open and disabled when it is
connected to G.


Similar Part No. - ACT111A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT111A ACTIVE-SEMI-ACT111A Datasheet
532Kb / 12P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 0, 14-Feb-11
ACT111A ACTIVE-SEMI-ACT111A Datasheet
559Kb / 13P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
ACT111AUS-T ACTIVE-SEMI-ACT111AUS-T Datasheet
532Kb / 12P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 0, 14-Feb-11
ACT111AUS-T ACTIVE-SEMI-ACT111AUS-T Datasheet
559Kb / 13P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
ACT111A ACTIVE-SEMI-ACT111A_14 Datasheet
559Kb / 13P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
More results

Similar Description - ACT111A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT111A ACTIVE-SEMI-ACT111A_14 Datasheet
559Kb / 13P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
ACT111A ACTIVE-SEMI-ACT111A Datasheet
532Kb / 12P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 0, 14-Feb-11
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
   3A LED Driver with Dimming Control
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
New Japan Radio
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
   60V, 1.5A LED Driver with Internal Exponential Scale Dimming
logo
Monolithic Power System...
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com