Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT111AUS-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT111AUS-T
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111AUS-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT111AUS-T Datasheet HTML 1Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 2Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 3Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 4Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 5Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 6Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 7Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 8Page - Active-Semi, Inc ACT111AUS-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL APPLICATION CIRCUIT
ACT111A
4.8V to 30V Input, 1.5A LED Driver with Dimming Control
FEATURES
Up to 92% Efficiency
Wide 4.8V to 30V Input Voltage Range
100mV Low Feedback Voltage
1.5A High Output Capacity
PWM Dimming
10kHz Maximum Dimming Frequency
Thermal Shutdown
SOT23-6 Package
APPLICATIONS
High Brightness LED Driver
Architecture Detail Lighting
Constant Current Source
Hand-held Lighting
Automotive RCL, DRL, and Fog Lights
Indicators and Emergency Lighting
MR16 and other LED Bulb
GENERAL DESCRIPTION
The ACT111A is a high efficient LED driver
employing current-mode buck converter topology
that supplies up to 1.5A from wide input voltage
range from 4.8V up to 30V. The ACT111A is
designed to operate as a constant source with
1.4MHz fixed frequency. ACT111A consists of a
PWM control circuit, a high precision band-gap
voltage reference, an oscillator, an error amplifier
with internal compensation network and the N
channel power MOSFET. An external sense
resistor in series with the LED monitors output
current allowing accurate current regulation, ideal
for driving high current LEDs. The built-in fault
condition
protection circuits
including
current
limiting, UVLO and thermal shutdown prevent itself
from potentially faulty operation and burn-out.
The ACT111A is ideal for single 1W to 5W LED
drivers. With its ultra low feedback voltage, a low
current ripple, high efficiency of up to 92% step-
down power LED driver can be easily composed of
with additional several external components such
as an inductor, a Schottky diode, a few resistors
and capacitors.
Rev 2, 22-Oct-12


Similar Part No. - ACT111AUS-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT111AUS-T ACTIVE-SEMI-ACT111AUS-T Datasheet
532Kb / 12P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 0, 14-Feb-11
ACT111AUS-T ACTIVE-SEMI-ACT111AUS-T Datasheet
559Kb / 13P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
More results

Similar Description - ACT111AUS-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT111A ACTIVE-SEMI-ACT111A_14 Datasheet
559Kb / 13P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
ACT111A ACTIVE-SEMI-ACT111A Datasheet
532Kb / 12P
   4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 0, 14-Feb-11
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
   3A LED Driver with Dimming Control
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
New Japan Radio
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
   60V, 1.5A LED Driver with Internal Exponential Scale Dimming
logo
Monolithic Power System...
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com