Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD515A Datasheet(PDF) 6 Page - Analog Devices

Part # AD515A
Description  Monolithic Precision, Low Power FET-Input Electrometer Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD515A Datasheet(HTML) 6 Page - Analog Devices

  AD515A Datasheet HTML 1Page - Analog Devices AD515A Datasheet HTML 2Page - Analog Devices AD515A Datasheet HTML 3Page - Analog Devices AD515A Datasheet HTML 4Page - Analog Devices AD515A Datasheet HTML 5Page - Analog Devices AD515A Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AD515A
–6–
REV. A
the total noise by about 40%. Noise currents driving the resistors
also add, but in the AD515A are significant only above 10
11
Ω.
Figure 11. Very High Impedance Instrumentation
Amplifier
Figure 12. Low Drift Integrator and Low Leakage Guarded
Reset
LOW LEVEL CURRENT-TO-VOLTAGE CONVERTERS
Figure 2 shows a standard low level current-to-voltage converter.
To obtain higher sensitivity, it is obvious to simply use a higher
value feedback resistor. However, high value resistors above
10
9
Ω tend to be expensive, large, noisy and unstable. To avoid
this, it may be desirable to use a circuit configuration with
output gain, as in Figure 13. The drawback is that input errors
of offset voltage drift and noise are multiplied by the same gain,
but the precision performance of the AD515A makes the trade-
off easier.
Figure 13. Picoampere to Voltage Converter with Gain
One of the problems with low level leakage current testing or
low level current transducers (such as Clark oxygen sensors) is
finding a way to apply voltage bias to the device while still
grounding the device and the bias source. Figure 14 shows a
technique in which the desired bias is applied at the noninvert-
ing terminal thus forcing that voltage at the inverting terminal.
The current is sensed by RF, and the AD524 instrumentation
amplifier converts the floating differential signal to a single-
ended output.
Figure 14. Current-to-Voltage Converters with Grounded
Bias and Sensor
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99


Similar Part No. - AD515A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD515A AD-AD515A_15 Datasheet
212Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
More results

Similar Description - AD515A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD515A AD-AD515A_15 Datasheet
212Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD545A AD-AD545A Datasheet
280Kb / 4P
   Monolithic Precision, Low Drift FET-Input Op Amp
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032 Datasheet
181Kb / 5P
   FET INPUT DIFFERENTIAL OP-AMP
logo
Anaren Microwave
MSK032 ANAREN-MSK032 Datasheet
378Kb / 5P
   FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com