Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE520ZEGM+H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE520ZEGM+H
Description  Dual 300mA High PSRR Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE520ZEGM+H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE520ZEGM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE520ZEGM+H Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE520
Dual 300mA High PSRR Linear Regulator
VER 1.4
4
Electrical Characteristics
(Test Conditions: C1=1uF, Cout=3.3uF,TA=25℃, unless otherwise specified.)
ACE520, For arbitrary output voltage
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
6
V
Output Voltage
VOUT
Vin=Set Vout+1V
1mA≦Iout≦30mA
Vout
x0.98
Vout1
Vout
x1.02
V
Maximum Output Current
IOUT(Max.)
Vin-Vout=1V
300
mA
Dropout Voltage, Vout≧2.8V
Vdrop
Iout=100mA
50
80
mV
Iout=300mA
160
220
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
Iout=40mA
2.8V≦Vin≦6V
0.05
0.2
%/V
Load Regulation
ΔV
OUT /
ΔI
OUT
Vin=Set Vout+1V
1mA≦Iout≦300mA
30
50
mA
Supply Current
Iss
Vin=Set Vout+1V
50
100
uA
Supply Current (Srandby)
Istandby
Vin=Set Vout+1V
Vce=Gnd
0.1
1.0
uA
Output Voltage Temperature
Coefficiency
ΔV
OUT /
ΔT•V
OUT
Iout=30mA
±100
ppm/℃
Ripple Rejection
PSRR
F=100Hz
Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Short Current Limit
Llim
Vout=0V
500
mA
CE Input Voltage “H”
Vceh
1.5
Vin
V
CE Input Voltage “L”
Vcel
0
0.25
V
Output Noise
en
BW=10Hz~100kHz
47
uVrms
Typical Application Circuit
Note: Input capacitor(Cin=1uF) and Output capacitor(Cout=1uF/3.3uF) are recommended in all application circuit.


Similar Part No. - ACE520ZEGM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
   P-Channel Power MOSFET
VER 1.1
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results

Similar Description - ACE520ZEGM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
   300mA High PSRR, Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com