Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD421 Datasheet(PDF) 8 Page - Analog Devices

Part # AD421
Description  Loop-Powered 4 mA to 20 mA DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD421 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD421 Datasheet HTML 4Page - Analog Devices AD421 Datasheet HTML 5Page - Analog Devices AD421 Datasheet HTML 6Page - Analog Devices AD421 Datasheet HTML 7Page - Analog Devices AD421 Datasheet HTML 8Page - Analog Devices AD421 Datasheet HTML 9Page - Analog Devices AD421 Datasheet HTML 10Page - Analog Devices AD421 Datasheet HTML 11Page - Analog Devices AD421 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AD421
–8–
REV. C
WORD "N"
01
10 0
11
0
0
0
00
0
0
0
00
CLOCK
DATA
LATCH
XX X X X X X
Figure 7. Write Cycle for Programming Alarm Current
Data
MICROPROCESSOR INTERFACING
AD421 – MC68HC11 (SPI BUS) INTERFACE
Figure 8 shows a typical interface between the AD421 and the
Motorola MC68HC11 SPI (Serial Peripheral Interface) bus.
The SCK, MOSI and SS pins of the 68HC11 are respectively
connected to the CLOCK, DATA IN and LATCH pins of the
AD421.
SCK
MOSI
SS
CLOCK
DATA IN
LATCH
AD421*
68HC11
* ADDITIONAL PINS OMITTED FOR CLARITY
Figure 8. AD421 to 68HC11 Interface
A typical routine such as the one shown below begins by initializ-
ing the state of the various SPI data and control registers.
INIT
LDAA #$2F
;
SS = 1; SCK = 0; MOSI = 1
STAA
PORTD
;SEND TO SPI OUTPUTS
LDAA #$38
;
SS, SCK, MOSI = OUTPUTS
STAA
DDRD
;SEND DATA DIRECTION INFO
LDAA #$50
;DABL INTRPTS, SPI IS MASTER & ON
STAA
SPCR
;CPOL = 0, CPHA = 0, 1MHZ BAUDRATE
NEXTPT LDAA MSBY
;LOAD ACCUM W/UPPER 8 BITS
BSR
SENDAT ;JUMP TO DAC OUTPUT ROUTINE
JMP
NEXTPT ;INFINITE LOOP
SENDAT LDY
#$1000
;POINT AT ON-CHIP REGISTERS
BCLR
$08,Y,$20 ;DRIVE
SS (LATCH) LOW
STAA
SPDR
;SEND MS-BYTE TO SPI DATA REG
WAIT1
LDAA SPSR
;CHECK STATUS OF SPIE
BPL
WAIT1
;POLL FOR END OF X-MISSION
LDAA LSBY
;GET LOW 8 BITS FROM MEMORY
STAA
SPDR
;SEND LS-BYTE TO SPI DATA REG
WAIT2
LDAA SPSR
;CHECK STATUS OF SPIE
BPL
WAIT2;
;POLL FOR END OF X-MISSION
BSET
$08,Y,$20 ;DRIVE
SS HIGH TO LATCH DATA
RTS
The SPI data port is configured to process data in 8-bit bytes.
The most significant data byte (MSBY) is retrieved from
memory and processed by the SENDAT routine. The SS pin is
driven low by indexing into the PORTD data register and clear
Bit 5. The MSBY is then sent to the SPI data register where it is
automatically transferred to the AD421 internal shift resistor.
of 11.147 mA. With 16 clock pulses between consecutive latch
signals data written is for normal 4 mA to 20 mA operation.
Table II. Ideal Input/Output Code Table
for 4 mA to 20 mA Operation
Code
Output Current
0000 0000 0000 0000
4 mA
0000 0000 0000 0001
4.000244 mA
0000 0000 0000 0010
4.000488 mA
0100 0000 0000 0000
8 mA
1000 0000 0000 0000
12 mA
1100 0000 0000 0000
16 mA
1111 1111 1111 1101
19.999268 mA
1111 1111 1111 1110
19.999512 mA
1111 1111 1111 1111
19.999756 mA
WORD "N"
WORD "N +1"
10
1 1
1
1
11 1
1
00
0
0
0 0
10 0
1
CLOCK
DATA
LATCH
Figure 6. Write Cycle for 4 mA to 20 mA Operation
Alarm Current Coding
Table III shows the ideal input-code-to-output-current relation-
ship for alarm current programming of the AD421. In this case,
the equivalent span is 0 mA to 32 mA but a reliable operating
span is 3.5 mA to 24 mA. The part may give an indeterminate
output for code values outside the range given in the table. As a
result, the user is advised to restrict the code programmed to the
part in alarm current mode to within the range shown in Table
III. Figure 7 shows a timing diagram for loading an alarm cur-
rent of 3.75 mA to the AD421 with an 8-bit microcontroller
using three 8-bit writes.
The output current values shown assume a REF IN voltage of
+2.5 V. With a REF IN of +2.5 V, an ideal 1 LSB = 32 mA/
131,072 = 244 nA.
Table III. Ideal Input/Output Code Table
for Alarm Current Operation
Code
Output Current
0 0011 1000 0000 0000
3.5 mA
0 0011 1100 0000 0000
3.75 mA
0 0100 0000 0000 0000
4 mA
0 1000 0000 0000 0000
8 mA
1 0000 0000 0000 0000
16 mA
1 0100 0000 0000 0000
20 mA
1 0110 0000 0000 0000
22 mA
1 1000 0000 0000 0000
24 mA


Similar Part No. - AD421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
List of Unclassifed Man...
AD421-00 ETC2-AD421-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD421BN AD-AD421BN Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results

Similar Description - AD421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
CN-0267 AD-CN-0267 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com