Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE306X530XXX+ Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE306X530XXX+
Description  Low Voltage Detector with Built-in Delay Circuit / SSD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE306X530XXX+ Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE306X530XXX+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE306X530XXX+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACE306
Low Voltage Detector with Built-in Delay Circuit / SSD
VER 1.3
5
ACE306N440DBM+ (4.4V)
(Topt=25℃, Unless otherwise specified)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
-VDET
Detector Threshold
4.312
4.4
4.488
V
ISS
Current consumption
VDD=6.4V
0.5
1
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
Pch
VDS=-2.1V,VDD=8.0V
1.5
3.0
mA
Electrical Characteristics By Detector Threshold
Part Number
Detector Threshold
Supply Current1
Supply Current2
-Vdet[V]
Iss1[uA]
Iss2[uA]
Min
Typ
Max
Condition
Typ
Max
Condition
Typ
Max
ACE306X090XXX+
0.882
0.900
0.918
Vdd=
(-Vdet)
+0.1V
0.5
1.0
Vdd=
(-Vdet)
+2V
1.0
1.5
ACE306X100XXX+
0.980
1.000
1.020
ACE306X110XXX+
1.078
1.100
1.122
ACE306X120XXX+
1.176
1.200
1.224
ACE306X130XXX+
1.274
1.300
1.326
ACE306X140XXX+
1.372
1.400
1.428
ACE306X150XXX+
1.470
1.500
1.530
ACE306X160XXX+
1.568
1.600
1.632
ACE306X170XXX+
1.666
1.700
1.734
ACE306X180XXX+
1.764
1.800
1.836
ACE306X190XXX+
1.862
1.900
1.938
ACE306X200XXX+
1.960
2.000
2.040
0.5
1.0
ACE306X210XXX+
2.058
2.100
2.142
ACE306X220XXX+
2.156
2.200
2.244
ACE306X230XXX+
2.254
2.300
2.346
ACE306X240XXX+
2.352
2.400
2.448
ACE306X250XXX+
2.450
2.500
2.550
ACE306X260XXX+
2.548
2.600
2.652
ACE306X270XXX+
2.646
2.700
2.754
ACE306X280XXX+
2.744
2.800
2.856
ACE306X290XXX+
2.842
2.900
2.958
ACE306X300XXX+
2.940
3.000
3.060


Similar Part No. - ACE306X530XXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
ACE306 ACE-ACE306_14 Datasheet
109Kb / 1P
   Low Voltage Detector with Built-in Delay Circuit / SSD
2014/03/24
More results

Similar Description - ACE306X530XXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE306 ACE-ACE306_14 Datasheet
109Kb / 1P
   Low Voltage Detector with Built-in Delay Circuit / SSD
2014/03/24
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com