Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE302X500XXX+ Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE302X500XXX+
Description  Low Voltage Detector with Built-in Delay Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302X500XXX+ Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE302X500XXX+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE302X500XXX+ Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ACE302
Low Voltage Detector with Built-in Delay Circuit
VER 1.5
6
ACE302X430XXX+
4.214
4.300
4.386
ACE302X440XXX+
4.312
4.400
4.488
ACE302X450XXX+
4.410
4.500
4.590
ACE302X460XXX+
4.508
4.600
4.692
ACE302X470XXX+
4.606
4.700
4.794
ACE302X480XXX+
4.704
4.800
4.896
ACE302X490XXX+
4.802
4.900
4.998
ACE302X500XXX+
4.900
5.000
5.100
ACE302X510XXX+
4.998
5.100
5.202
ACE302X520XXX+
5.096
5.200
5.304
ACE302X530XXX+
5.194
5.300
5.406
ACE302X540XXX+
5.292
5.400
5.508
ACE302X550XXX+
5.390
5.500
5.610
ACE302X560XXX+
5.488
5.600
5.712
ACE302X570XXX+
5.586
5.700
5.814
ACE302X580XXX+
5.684
5.800
5.916
ACE302X590XXX+
5.782
5.900
6.018
ACE302X600XXX+
5.880
6.000
6.120
Output Current1
Output Current2
Minimum
Operating
Voltage
Detector Threshold
Temperature Coefficient
Iout1[mA]
Iout2[mA]
VDDL[V]
-
Condition
Min. Typ.
Condition
Min. Typ. Typ.
Max.
Condition
Typ.
N-ch
VDS=0.05V,VDD=0.7V
0.01 0.05 N-ch,VDS=0.5V
VDD=0.85V 0.1 0.5
0.5
0.7
-40
℃~ 85℃
100
VDD=1.0V 0.2 1.0
VDD=1.5V 1.0 2.0
Electrical Characteristics By Output Delay Time
Part Number
Test Condition
Output Delay Time
Unit
Min
Typ
Max
ACE302XXXXAXX+
VDD=1.0V to Vdet+1.0V
45
50
55
ms
ACE302XXXXBXX+
90
100
110
ACE302XXXXCXX+
135
150
165
ACE302XXXXDXX+
180
200
220
ACE302XXXXEXX+
225
250
275
ACE302XXXXFXX+
270
300
330
ACE302XXXXGXX+
360
400
440


Similar Part No. - ACE302X500XXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302X500XXX++ ACE-ACE302X500XXX+ Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
More results

Similar Description - ACE302X500XXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com