Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK22FL Datasheet(PDF) 1 Page - Dc Components

Part # SK22FL
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 50 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SK22FL Datasheet(HTML) 1 Page - Dc Components

  SK22FL Datasheet HTML 1Page - Dc Components SK22FL Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK22FL SK23FL SK24FL SK25FL SK26FL SK28FL SK210FL
20
30
40
50
60
80
100
14
21
28
35
42
56
70
20
30
40
50
60
80
100
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SK22FL
THRU
SK210FL
Dimensions in inches and (millimeters)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VF
IR
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
mAmps
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
40
28
Amps
0C/ W
Storage Temperature Range
IO
-55 to +125
Operating Temperature Range
-55 to +150
R
θJA
0.55
0.70
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.017 gram
* Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
* Polarity: As marked
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
0.85
VOLTAGE RANGE - 50 to 100 Volts
CURRENT - 2.0 Ampere
SOD-123FL
.115(2.9)
.098(2.5)
.154(3.9)
.138(3.5)
.043(1.1)
.020(0.5)
.039(1.0)
.024(0.6)
.047(1.2)
.031(0.8)
.075(1.9)
.063(1.6)
.010(0.25)
.002(0.05)
* ldeal for surface mounted applications
* Low leakage current
* Low profile space
* Low forward voltage drop
* High forward surge capability
* Glass passivated junction
NOTES :1. Mounted on FR-4 P.C.B. with 0.9X1.5 mm copper pads areas.
TJ
TSTG
0 C
0 C


Similar Part No. - SK22FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK22F PANJIT-SK22F Datasheet
186Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SK22F ETC2-SK22F Datasheet
526Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SK22F CHENDA-SK22F Datasheet
627Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SK22F YIXIN-SK22F Datasheet
293Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK22FL

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD820 DCCOM-SD820 Datasheet
252Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD520 DCCOM-SD520 Datasheet
248Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SD1020 DCCOM-SD1020 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
SQ1030 DCCOM-SQ1030 Datasheet
41Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 30 to 100 Volts
SD820D DCCOM-SD820D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD1620D DCCOM-SD1620D Datasheet
291Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SD1020D DCCOM-SD1020D Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
SM5817S DCCOM-SM5817S Datasheet
618Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 40 Volts
SM5391 DCCOM-SM5391 Datasheet
339Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
RS1AG DCCOM-RS1AG Datasheet
232Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com