Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE701360AM+H Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE701360AM+H
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701360AM+H Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE701360AM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701360AM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACE701
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
5
Detailed Description
The ACE701 series are boost structure, voltage-type pulse-frequency modulation(PFM) step-up DC-DC
converter. Only three external components are necessary: an inductor, an output filter capacitor and a
schottky diode. And the converter
’s low noise and low ripple output voltage can be adjusted from 2.5V to
5.0V, 0.1V step. By using the depletion technics, the quiescent current drawn from power source is lower
than 7uA. The high efficiency device consists of resistors for output voltage detection and trimming, a
start-up voltage circuit, an oscillator, a reference circuit, a PFM control circuit, a switch protection circuit
and a driver transistor.
The PFM control circuit is the core of the ACE701 IC. This block controls power switch on duty cycle to
stabilize output voltage by calculating results of other blocks which sense input voltage, output voltage,
output current and load conditions. In PFM modulation system, the frequency and pulse width is fixed.
The duty cycle is adjusted by skipping pulses, so that switch on-time is changed based on the conditions
such as input voltage, output current and load. The oscillate block inside ACE701 provides fixed
frequency and pulse width wave.
The reference circuit provides stable reference voltage to output stable output voltage. Because internal
trimming technology is used, The chip output change less than ±2%. At the same time,the problem of
temperature-drift coefficient of output voltage is considered in design,
so temperature-drift coefficient of
output voltage is less than 100ppm/℃。
High-gain differential error amplifier guarantees stable output voltage at difference input voltage
and load. In order to reduce ripple and noise, the error amplifier is designed with high band-with.
Though at very low load condition, the quiescent current of chip do effect efficiency certainly. The four
main energy loss of Boost structure DC-DC converter in full load are the ESR of inductor, the voltage of
Schottky diode, on resistor of internal N-channel MOSFET and its driver. In order to improve the efficiency,
ACE701 integrates low on-resistor N-channel MOSFET and well design driver circuits. The switch energy
loss is limited at very low level.
Selection of the External Components
Thus it can be seen, the inductor and schottky diode affect the conversion efficiency greatly. The
inductor and the capacitor also have great influence on the output voltage ripple of the converter. So it is
necessary to choose a suitable inductor, a capacitor and a right schottky diode, to obtain high efficiency,
low ripple and low noise.
Before discussion,we define D≡Vout-Vin / Vout
(1)Inductor Selection
Above all, we should define the minimum value of the inductor that can ensure the boost DC-DC to
operate in the continuous current-mode condition.
Lmin≧D(1-D)
2R
L / 2f


Similar Part No. - ACE701360AM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701360AM++ ACE-ACE701360AM+ Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
More results

Similar Description - ACE701360AM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com