Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE520BEGM+H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE520BEGM+H
Description  Dual 300mA High PSRR Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE520BEGM+H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE520BEGM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE520BEGM+H Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE520
Dual 300mA High PSRR Linear Regulator
VER 1.4
2
Packaging Type
SOT-23-6
6
5
4
1
2
3
Ordering information
ACE520 X XXX + H
SOT-23-6(D)
SOT-23-6(E)
Description
Function
6
6
Vout1
Output 1 pin
2
5
Vdd
Input pin
4
1
Vout2
Output 2 pin
3
3
CE2
Chip Enable pin2
5
2
GND
Ground pin
1
4
CE1
Chip Enable pin1
Halogen - free
Output Voltage:
B:1.5V(Output1),2.8V(Output2)
C:1.5V(Output1),3.0V(Output2)
D:1.5V(Output1),3.3V(Output2)
E:1.5V(Output1),4.0V(Output2)
G:1.8V(Output1),2.5V(Output2)
H:1.8V(Output1),2.8V(Output2)
I: 1.8V(Output1),3.0V(Output2)
J:1.8V(Output1),3.3V(Output2)
M:2.8V(Output1),1.8V(Output2)
O:2.8V(Output1),2.8V(Output2)
P:2.8V(Output1),3.0V(Output2)
Q:3.0V(Output1),2.5V(Output2)
Pb - free
DGM : SOT-23-6(D)
EGM : SOT-23-6(E)
R:3.0V(Output1),3.0V(Output2)
S:3.0V(Output1),3.3V(Output2)
T:3.3V(Output1),1.8V(Output2)
U:3.3V(Output1),3.3V(Output2)
Y: 2.8V(Output1),3.3V(Output2)
Z:3.3V(Output1),3.3V(Output2)
a:1.2V(Output1),2.5V(Output2)
b:2.8V(Output1),1.2V(Output2)
c:2.8V(Output1),1.3V(Output2)
d:2.5V(Output1),2.8V(Output2)
e:2.5V(Output1),3.3V(Output2)
f:2.8V(Output1),3.3V(Output2)
g: 1.3V(Output1),2.8V(Output2)


Similar Part No. - ACE520BEGM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
   P-Channel Power MOSFET
VER 1.1
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results

Similar Description - ACE520BEGM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
   300mA High PSRR, Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com