Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67600967 Datasheet(PDF) 1 Page - Weidmuller

Part # 67600967
Description  Printed Circuit Board Terminals / 5.08 mm Pitch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

67600967 Datasheet(HTML) 1 Page - Weidmuller

  67600967 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
Printed Circuit Board Terminals / 5.08 mm Pitch
PM 5.08/MK 5.08 Series
Solder pin length
3.5 mm
3.5 mm
Color
Poles
Type
Part No.
Part No.
Qty.
2
PM 5.08/2/90
1760490000 1760510000 500
3
PM 5.08/3/90
1760500000 1760520000 500
4
PM 5.08/4/90
67600961
67600974
5
PM 5.08/5/90
67600962
67600975
6
PM 5.08/6/90
67600963
67600976
7
PM 5.08/7/90
67600964
67600977
8
PM 5.08/8/90
67600965
67600978
9
PM 5.08/9/90
67600966
67600979
10
PM 5.08/10/90
67600967
67600980
11
PM 5.08/11/90
67600968
67600981
12
PM 5.08/12/90
67600969
67600982
13
PM 5.08/13/90
67600970
67600983
14
PM 5.08/14/90
67600971
67600984
15
PM 5.08/15/90
67600972
67600985
16
PM 5.08/16/90
67600973
67600986
Solder pin length
5.0 mm
Color
Poles
Type
Part No.
Qty.
2
MK8 5.08/2/135
0332060000
200
3
MK8 5.08/3/135
0307860000
100
4
MK8 5.08/4/135
0307760000
100
10
MK8 5.08/10/135
0302660000
50
Technical data
VDE
UL
CSA
Accessories
Page
Marking
42
Mounting
-
Miscellaneous
45
Technical data
VDE
UL
CSA
Accessories
Page
Marking
42
Mounting
-
Miscellaneous
45
Rated voltage (V)
250*
300
300
Rated current (A)
17.5
16
10
Wire size (mm2/AWG)
1.5
24…14
14
*Pollution severity 3 / Overvoltage category III
Additional technical data see page 50
Rated voltage (V)
60*
150
150
Rated current (A)
16
15
15
Wire size (mm2/AWG)
1.5
22…12
14
*Pollution severity 3 / Overvoltage category III
Additional technical data see page 51
PM 5.08/90
MK8 5.08/135


Similar Part No. - 67600967

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
logo
Marl International Limi...
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
logo
Microsemi Corporation
676-1 MICROSEMI-676-1 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
676-2 MICROSEMI-676-2 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
676-3 MICROSEMI-676-3 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
More results

Similar Description - 67600967

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0643960000 WEIDMULLER-0643960000 Datasheet
1Mb / 7P
   Printed circuit board terminals, 5.08 mm
May 25, 2021
logo
PHOENIX CONTACT
1900772 PHOENIX-1900772 Datasheet
88Kb / 6P
   Printed-circuit board connector - MC 1.5/ 2-ST1-5.08
1900905 PHOENIX-1900905 Datasheet
89Kb / 6P
   Printed-circuit board connector - MC 1.5/ 4-ST1F-5.08
1900798 PHOENIX-1900798 Datasheet
88Kb / 6P
   Printed-circuit board connector - MC 1.5/ 4-ST1-5.08
1900808 PHOENIX-1900808 Datasheet
88Kb / 6P
   Printed-circuit board connector - MC 1.5/ 5-ST1-5.08
1873207 PHOENIX-1873207 Datasheet
123Kb / 8P
   Printed-circuit board connector - FKC 2.5/ 2-STF-5.08
1873281 PHOENIX-1873281 Datasheet
120Kb / 8P
   Printed-circuit board connector - FKC 2.5/10-STF-5.08
logo
Tyco Electronics
27E1079 MACOM-27E1079 Datasheet
338Kb / 2P
   Printed circuit terminals
logo
PHOENIX CONTACT
5606852 PHOENIX-5606852 Datasheet
88Kb / 4P
   Printed-circuit board connector - MSTB 2.5/10-STF-5.08 BKPRTD
11/05/2018
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com