Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE6054JFM+H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE6054JFM+H
Description  Ultra Low Dropout 2A CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6054JFM+H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE6054JFM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6054JFM+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE605
Ultra Low Dropout 2A CMOS LDO
VER 1.3
2
Description
Function
EN
Chip ENABLE Control Input. Logic enable On logic 3.3V/5V. Note that the device will be in
the unstable state if the pin is not connected
VIN
Supply Input
GND
Common Ground
VOUT
Regulator Output
ADJ
The output voltage is set by the
internal feedback resistors when this pin grounded. If
external feedback resistors are applied, the output voltage will be:
Vout=0.6*(1+R1/R2)Volts
Pin Description
ACE605 X X XX + H
Voltage output :
I : 1.05V/ADJ
J : 1.2V/ADJ
K : 1.8V/ADJ
L : 2.5/ADJ
Package and pins type :
1 : with power pad, pinsout 1
2 : with power pad, pinsout 2
3 : without power pad, pinsout 1
4 : without power pad, pinsout 2
Pb - free
FM : SOP-8
Halogen - free


Similar Part No. - ACE6054JFM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
More results

Similar Description - ACE6054JFM+H

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
   2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5102AQP CYSTEKEC-EM5102AQP Datasheet
950Kb / 12P
   2A Low Dropout LDO
logo
Will Semiconductor Ltd.
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com