Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE525 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE525
Description  300mA High PSRR, Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE525 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE525 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE525
300mA High PSRR, Linear Regulator
VER 1.3
2
Note: Heat Sink Area of PCB for DFN1x1-4 is recommended at least 2.5mmx4mm. Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
SC-70-5
DFN1*1-4
SOT-23-3
SOT-23-5
5
4
4
3
3
1
2
3
1
2
1
2
Thermal Pad: VSS
Ordering information
ACE525 XX XX
+
H
SC-70-5
SOT-23-5
DFN1*1-4
SOT-23-3
Description
Function
5
5
1
2
VOUT
Output pin
1
1
4
3
VDD
Input pin
2
2
2
1
GND
Ground pin
3
3
3
CE
Chip Enable pin
4
4
NC
No Connection
HN: SC-70-5
BN: SOT-23-5
IN: DFN1*1-4
BM : SOT-23-3
Output Voltage:1.0V
…..4.4V
Pb - free
Halogen - free


Similar Part No. - ACE525

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
More results

Similar Description - ACE525

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
   300mA High PSRR, Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
   Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
   300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
   300mA High PSRR, Fast Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com