Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE50912BN+H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE50912BN+H
Description  Low noise, fast response 500mA LDO regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50912BN+H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE50912BN+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50912BN+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ACE509
Low noise, fast response 500mA LDO regulator
VER 1.4
4
△Vout/△
T∙Vout
Output Voltage
Temperature
Coefficiency
Iout=30mA
±100
ppm/
C
PSRR
Ripple Rejection
F=100Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
65
dB
Ilim
Short Current Limit
Vout=0V
200
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA or Iout=500mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
Typical Application Circuit
CE
In
ACE509
VDD
VOUT
Out
+
Cap
GND
+
Cap
Note :Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF/2.2uF) are recommended in all
application circuit.
Explanation:
ACE509 series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE509 can provide output value in the range of 1.2V~4.5V every 0.1V step. It also can be customized
on command.
ACE509 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE509 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within±2%.


Similar Part No. - ACE50912BN+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50912BN++ ACE-ACE50912BN+ Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
More results

Similar Description - ACE50912BN+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com