Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE93C46 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE93C46
Description  Three-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE93C46_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46_12 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ACE93C46.56.66
Three-wire Serial EEPROM
VER 1.5
5
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VOL1
Output Low Voltage
2.7V≦Vcc≦5.5V
IOL=2.1mA
IOH=-0.4mA
2.4
0.4
V
VOH1
Output High Voltage
VOL2
Output Low Voltage
1.8V≦Vcc≦2.7V
IOL=0.15mA
IOH=-100uA
Vcc-0.2
0.2
V
VOH2
Output High Voltage
Note: 1. DI.CS. SK input pin
2. ORG input pin
3. VIL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.8V to +5.5V, CL=1TTL Gate and 100pF
(unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ Max
Units
fsx
SK Clock Frequency
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
0
0
0
2
1
0.25
MHz
tskh
SK High Time
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tskl
SK Low Time
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tcs
Minimum CS Low Time
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tcss
CS Setup Time
Relative to
SK
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
50
50
200
ns
tdis
DI Setup Time
Relative to
SK
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
100
100
400
ns
tcsh
CS Hold Time
Relative to SK
0
ns
tdih
DI Hold Time
Relative to
SK
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
100
100
400
ns


Similar Part No. - ACE93C46_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
ACE93C46DPTH ACE-ACE93C46DPTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46DPUH ACE-ACE93C46DPUH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46FMTH ACE-ACE93C46FMTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46FMUH ACE-ACE93C46FMUH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE93C46_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com