Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24C08FMUH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24C08FMUH
Description  Two-wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C08FMUH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C08FMUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C08FMUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACE24C04/08A
Two-wire Serial EEPROM
VER 1.5
4
Memory Organization
ACE24C04A, 4K SERIAL EEPROM:
Internally organized with 32 pages of 16 bytes each, the 4K requires an 9-bit data word address for
random word addressing.
ACE24C08A, 8K SERIAL EEPROM:
Internally organized with 64 pages of 16 bytes each, the 8K requires an 10-bit data word address for
random word addressing.
Pin Capacitance
Applicable over recommended operating range from: TA = 25℃, f = 1.0 MHz, VCC = +1.7V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
1
Input / Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
1
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
Note: This parameter is characterized and is not 100% tested.
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
5.5
V
ICC1
Supply Current
VCC = 5.5V, Read at 400K
0.4
1.0
mA
ICC2
Supply Current
VCC = 5.5V, Write at 400K
2.0
3.0
mA
ISB1
Standby Current
VCC = 1.7V, VIN = VCC/ VSS
3
6.0
µA
ISB2
Standby Current
VCC = 5.5V, VIN = VCC/ VSS
8
18.0
µA
ILI
Input Leakage Current
VIN = VCC/VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC/ VSS
0.05
3.0
µA
VIL
1
Input Low Level
-0.6
VCCx0.3
V
VIH
1
Input High Level
VCCx0.7
5.5
V
VOL
2
Output Low Level
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VOL
1
Output Low Level
VCC = 1.7V, IOL = 0.15 mA
0.2
V
Note: 1.
VIL min and VIH max are reference only and are not tested.


Similar Part No. - ACE24C08FMUH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C08FM+TH ACE-ACE24C08FM+TH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24C08FM+UH ACE-ACE24C08FM+UH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
More results

Similar Description - ACE24C08FMUH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com