Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S93 Datasheet(PDF) 2 Page - Analog Devices

Part # AD2S93
Description  Low Cost LVDT-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93 Datasheet(HTML) 2 Page - Analog Devices

  AD2S93 Datasheet HTML 1Page - Analog Devices AD2S93 Datasheet HTML 2Page - Analog Devices AD2S93 Datasheet HTML 3Page - Analog Devices AD2S93 Datasheet HTML 4Page - Analog Devices AD2S93 Datasheet HTML 5Page - Analog Devices AD2S93 Datasheet HTML 6Page - Analog Devices AD2S93 Datasheet HTML 7Page - Analog Devices AD2S93 Datasheet HTML 8Page - Analog Devices AD2S93 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Parameter
Test Conditions
Min
Typ
Max
Units
SIGNAL INPUTS
Frequency
0.36
1.0
10
kHz
Max Voltage Level
1
0.8
1.0
1.2
V rms
Nominal Full Scale
2
1.0
V rms
Input Bias Current
@ +25
°C
1.1
µA
Input Impedance
1.0
M
CMRR
57
dB
Maximum Sensitivity
3
V
A–B = 1 V rms, G = 1
342
µV pk/LSB
REFERENCE INPUT
Frequency
0.36
10
kHz
Voltage Level
1.8
2.0
2.2
V rms
Input Bias Current
@ 0 V +25
°C1
µA
Input Impedance
1.0
M
Permissible Phase Shift
4
Signal to Reference
–10
+10
Degrees
CONVERTER DYNAMICS
Bandwidth
Set by User
VCO Mode = 1
VCO Gain Connected to
VCO I/P
500
1250
Hz
VCO Mode = 2
VCO Gain No Connect
45
500
Hz
Maximum Slew Rate
Mode = 1
2400
3000
LSB/ms
Mode = 2
800
1000
LSB/ms
ACCURACY
Integral Linearity
AP
0.1
% FSD
BP
0.05
% FSD
Differential Linearity
AP
<2
LSB
BP
<1
LSB
Repeatability
±1
LSB
Zero Position Offset
AP @ +25
°C
–3
3
LSB
BP @ +25
°C
–1
1
LSB
AP @ –40
°C to +85°C
–4
4
LSB
BP @ –40
°C to +85°C
–2
2
LSB
Gain Error
±0.7
% FS
VELOCITY OUTPUT
Max Output Voltage
Denotes Max Input Speed
±4.0
V dc
Load Drive Capability
±250
µA
LOGIC INPUTS SCLK, CS
Input High Voltage V
INH
3.5
V dc
Input Low Voltage V
INL
1.5
V dc
Input Current I
IN
500
nA
Input Capacitance
10
pF
LOGIC OUTPUTS
OVR, UNR, NULL, DATA, A, B CLKOUT DIR
Output High Voltage
@ 1 mA
4.0
V dc
Output Low Voltage
@ 1 mA
1.0
V dc
LOS OUTPUT
Open Drain Output
Pull-Up to +V
DD via 12 kΩ
400
µA
Drive Capability
Signal Threshold (A-B)
0.1
0.2
V rms
REF Threshold
0.22
V rms
Timeout Threshold
50
ms
AD2S93–SPECIFICATIONS
REV. A
–2–
(VDD = +5 V
± 5%; V
SS = –5 V
± 5%, AGND = DGND = 0 V, T
A = –40
°C to +85°C
unless otherwise noted)


Similar Part No. - AD2S93

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90AP AD-AD2S90AP Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
   Programmable Oscillator
REV. B
More results

Similar Description - AD2S93

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC12QZ AD-ADC12QZ_15 Datasheet
1Mb / 4P
   LOW COST GENERAL PURPOSE ANALOG TO DIGITAL CONVERTER
logo
Intronics Power, Inc.
ADC1140 INTRONICS-ADC1140 Datasheet
906Kb / 4P
   Low Cost 16-Bit Anlog-to-Digital Converter
logo
Analog Devices
ADC12QM AD-ADC12QM_15 Datasheet
1Mb / 4P
   LOW COST GENERAL PURPOSE ANALOG TO DIGITAL CONVERTER
DAC10Z AD-DAC10Z_15 Datasheet
768Kb / 2P
   LOW COST GENERAL PURPOSE DIGITAL TO ANALOG CONVERTER
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com