Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S90 Datasheet(PDF) 6 Page - Analog Devices

Part # AD2S90
Description  Low Cost, Complete 12-Bit Resolver-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S90 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD2S90 Datasheet HTML 2Page - Analog Devices AD2S90 Datasheet HTML 3Page - Analog Devices AD2S90 Datasheet HTML 4Page - Analog Devices AD2S90 Datasheet HTML 5Page - Analog Devices AD2S90 Datasheet HTML 6Page - Analog Devices AD2S90 Datasheet HTML 7Page - Analog Devices AD2S90 Datasheet HTML 8Page - Analog Devices AD2S90 Datasheet HTML 9Page - Analog Devices AD2S90 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD2S90
REV. D
–6–
ABSOLUTE POSITION OUTPUT
SERIAL INTERFACE
Absolute angular position is represented by serial binary data
and is extracted via a three-wire interface, DATA,
CS and
SCLK. The DATA output is held in a high impedance state
when
CS is HI.
Upon the application of a Logic LO to the
CS pin, the DATA
output is enabled and the current angular information is trans-
ferred from the counters to the serial interface. Data is retrieved
by applying an external clock to the SCLK pin. The maximum
data rate of the SCLK is 2 MHz. To ensure secure data retrieval
it is important to note that SCLK should not be applied until a
minimum period of 600 ns after the application of a Logic LO
to
CS. Data is then clocked out, MSB first, on successive nega-
tive edges of the SCLK; 12 clock edges are required to extract
the full 12 bits of data. Subsequent negative edges greater than
the defined resolution of the converter will clock zeros from the
data output if
CS remains in a low state.
If a resolution of less than 12 bits is required, the data access
can be terminated by releasing
CS after the required number of
bits have been read.
LSB
MSB
t3
t4
t5
t1
t7
t6
t*
t2
*THE MINIMUM ACCESS TIME: USER DEPENDENT
CSB
SCLK
DATA
Figure 6. Serial Read Cycle
CS can be released a minimum of 100 ns after the last negative
edge. If the user is reading data continuously,
CS can be reap-
plied a minimum of 250 ns after it is released (see Figure 6).
The maximum read time is given by: (12-bits read @ 2 MHz)
Max RD Time = [600 + (12
× 500) + 600 + 100] = 7.30 µs.
INCREMENTAL ENCODER OUTPUTS
The incremental encoder emulation outputs A, B and NM are
free running and are always valid, providing that valid resolver
format input signals are applied to the converter.
The AD2S90 emulates a 1024-line encoder. Relating this to
converter resolution means one revolution produces 1024 A, B
pulses. B leads A for increasing angular rotation (i.e., clockwise
direction). The addition of the DIR output negates the need for
external A and B direction decode logic. DIR is HI for increas-
ing angular rotation.
The north marker pulse is generated as the absolute angular
position passes through zero. The AD2S90 supports the three
industry standard widths controlled using the NMC pin. Figure
7 details the relationship between A, B and NM. The width of
NM is defined relative to the A cycle.
A
B
90
180
*NM
NUMBER OF DEGREES REFERS TO WIDTH RELATIVE TO "A" CYCLE
360
SELECTABLE WITH THREE - LEVEL
CONTROL PIN "MARKER" DEFAULT
TO 90 USING INTERNAL PULL - UP.
*
WIDTH
LEVEL
90
180
360
+VDD
0
–VSS
INCREASING ANGLE
Figure 7. A, B and NM Timing
Unlike incremental encoders, the AD2S90 encoder output is
not subject to error specifications such as cycle error, eccentric-
ity, pulse and state width errors, count density and phase
φ.
The maximum speed rating, n, of an encoder is calculated from
its maximum switching frequency, fMAX, and its ppr (pulses per
revolution).
n
=
60
× f
MAX
PPR
The AD2S90 A, B pulses are initiated from CLKOUT which
has a maximum frequency of 2.048 MHz. The equivalent
encoder switching frequency is:
1/4
× 2.048 MHz = 512 kHz (4 updates = 1 pulse)
At 12 bits the ppr = 1024, therefore the maximum speed, n, of
the AD2S90 is:
n
rpm
=
×
=
60
512000
1024
30000
This compares favorably with encoder specifications where fMAX
is specified from 20 kHz (photo diodes) to 125 kHz (laser based)
depending on the light system used. A 1024 line laser-based
encoder will have a maximum speed of 7300 rpm.
The inclusion of A, B outputs allows the AD2S90 + resolver
solution to replace optical encoders directly without the need to
change or upgrade existing application software.


Similar Part No. - AD2S90

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
More results

Similar Description - AD2S90

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
logo
List of Unclassifed Man...
AU6802 ETC1-AU6802 Datasheet
416Kb / 2P
   High-speed, Digital-Tracking, Complete 10/12-Bit Resolver-to-Digital Converter
logo
Analog Devices
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD574AJNZ AD-AD574AJNZ Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com