Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3KB6M Datasheet(PDF) 1 Page - Dc Components

Part # D3KB6M
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

D3KB6M Datasheet(HTML) 1 Page - Dc Components

  D3KB6M Datasheet HTML 1Page - Dc Components D3KB6M Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Maximum Average Forward Rectified output Current
@Tc=100oC (with heatsink)
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IF(AV)
IFSM
VRMS
Volts
Volts
Amps
6.0
150
Amps
UNITS
Volts
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
VF
IR
1.1
500
Maximum Forward Voltage Drop per element at 2.0A DC
Volts
@TJ = 25
oC
@TJ = 125
oC
10
µAmps
I2t Rating for Fusing (t<8.3ms)
I2t
93
A2Sec
Typical Thermal Resistance without heatsink
R
θJA
55
0
C/W
Typical Thermal Resistance with heatsink
R
θJC
1.5
0
C/W
Typical Thermal Resistance without heatsink
R
θJL
15
0
C/W
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MECHANICAL DATA
Operating Temperature Range
TJ
-55 to +150
C
0
Storage Temperature Range
TSTG
-55 to +150
0C
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Glass passivated junction
* High case dielectronic strength
* High surge current capability Ideal for printed circuit board
D3K
Dimensions in inches and (millimeters)
D3KB
D3KB
D3KB
D3KB
D3KB
D3KB
D3KB
6A
6B
6D
6G
6J
6K
6M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
.555(14.1)
.531(13.5)
.043(1.1)
.059(1.5)
.043(1.1)
.049(1.25)
.041(1.05)
.034(0.86)
.026(0.66)
.162(4.11)
.138(3.51)
SPACING
.134(3.4)
.122(3.1)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.024(0.6)
.016(0.4)
.094(2.4)
.071(1.8)
.024
(0.6)
.055(1.4)
.039(1.0)
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 6.0 Amperes
D3KB6A
THRU
D3KB6M
* Weight: 1.35 gram


Similar Part No. - D3KB6M

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D3KB6 BYTESONIC-D3KB6 Datasheet
192Kb / 2P
   GLASSPASSIVATED BRIDGE
logo
HY ELECTRONIC CORP.
D3KB6 HY-D3KB6 Datasheet
471Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
D3KB6 YFWDIODE-D3KB6 Datasheet
461Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Leshan Radio Company
D3KB60 LRC-D3KB60 Datasheet
190Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
D3KB60 ZSELEC-D3KB60 Datasheet
104Kb / 2P
   3.0A BRIDGE RECTIFIER
More results

Similar Description - D3KB6M

ManufacturerPart #DatasheetDescription
logo
Dc Components
GBK25A DCCOM-GBK25A Datasheet
59Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
D3KB3A DCCOM-D3KB3A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
D3KB4A DCCOM-D3KB4A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
D3KB2A DCCOM-D3KB2A Datasheet
34Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
Yea Shin Technology Co....
KBP200 YEASHIN-KBP200 Datasheet
416Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
logo
Dc Components
BK12F DCCOM-BK12F Datasheet
43Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
BK22F DCCOM-BK22F Datasheet
43Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com