Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK22F Datasheet(PDF) 1 Page - Dc Components

Part # BK22F
Description  TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BK22F Datasheet(HTML) 1 Page - Dc Components

  BK22F Datasheet HTML 1Page - Dc Components BK22F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Ideal for automated placement
* Low profile space
* Low forward voltage grop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BK22F
THRU
BK210F
MBF
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.12 gram
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
SYMBOL
VRRM
VDC
IO
VRMS
Volts
Volts
Amps
2.0
UNITS
Maximum Average Forward Output Current at TA = 30
oC
Volts
Dimensions in inches and (millimeters)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50
Amps
DC Blocking Voltage per element
VF
IR
0.70
20
µAmps
Element at 2.0A DC
Maximum DC Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
0.5
Maximum Reverse Current at rated
Operating and Storage Temperature Range
-50 to + 150
Typical Junction Capacitance ( Note1)
CJ
250
125
pF
Typical Thermal Resistance (Note 2)
R
θJA
85
0
C/W
NOTES : 1. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
* Low power losses
* High surge capability,high efficiency
* Ultrafast reverse recovery time
TJ,TSTG
0 C
TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
VOLTAGE RANGE - 20 to 100 Volts
CURRENT - 2.0 Ampere
BK22F
BK24F
BK26F
BK28F
BK210F
20
40
60
80
100
14
28
42
56
70
20
40
60
80
100
0.55
0.50
0.85
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.2 x 0.2" (5.0x5.0mm) copper pads.
.236(6.00)
.220(5.60)
.016(0.41)
.006(0.15)
.004(0.10)
Max.
.043(1.10)
.020(0.50)
.035(0.90)
.020(0.50)
.106(2.70)
.090(2.30)
.276(7.00)
.260(6.60)
.063(1.60)
.047(1.20)
.197(5.00)
.181(4.60)


Similar Part No. - BK22F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK20104L050-T TAIYO-YUDEN-BK20104L050-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK20104L050-T TAIYO-YUDEN-BK20104L050-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK20104L050-T TAIYO-YUDEN-BK20104L050-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK20104L100-T TAIYO-YUDEN-BK20104L100-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK20104L100-T TAIYO-YUDEN-BK20104L100-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK22F

ManufacturerPart #DatasheetDescription
logo
Dc Components
BK12F DCCOM-BK12F Datasheet
43Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
BR1DF DCCOM-BR1DF Datasheet
42Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
BR05DF DCCOM-BR05DF Datasheet
42Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
DB151S DCCOM-DB151S Datasheet
395Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
DB101S DCCOM-DB101S Datasheet
424Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
B05S DCCOM-B05S Datasheet
362Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
D3KB6A DCCOM-D3KB6A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
B1AF DCCOM-B1AF Datasheet
41Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
B04AF DCCOM-B04AF Datasheet
41Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
B05AF DCCOM-B05AF Datasheet
42Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com