Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH62B-121 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CDRH62B-121
Description  CDRH62B SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CDRH62B-121 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CDRH62B-121 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.6
1.4
1.4
6.60
6.20
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
00
POWER INDUCTOR
CDRH62B SMD POWER INDUCTOR
CDRH62B SMD
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
SPECIFICATION
TYPE
= CDRH62B
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL / SILVER
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 1500PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES L=15%; M=20%; N=30%
Part
L
Tol
R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CDRH62B-2R9 2.9 @ 7.96MHz
N
0.068
1.94
CDRH62B-4R0 4.0 @ 7.96MHz
N
0.08
1.63
CDRH62B-5R5 5.5 @ 7.96MHz
N
0.096
1.4
CDRH62B-100
10 @ 1kHz
N
0.15
1.1
CDRH62B-120
12 @ 1kHz
N
0.2
1
CDRH62B-150
15 @ 1kHz
N
0.23
0.9
CDRH62B-180
18 @ 1kHz
N
0.27
0.8
CDRH62B-220
22 @ 1kHz
N
0.34
0.74
CDRH62B-270
27 @ 1kHz
N
0.38
0.66
CDRH62B-330
33 @ 1kHz
N
0.45
0.59
CDRH62B-390
39 @ 1kHz
N
0.49
0.54
CDRH62B-470
47 @ 1kHz
N
0.69
0.5
CDRH62B-560
56 @ 1kHz
N
0.78
0.46
CDRH62B-680
68 @ 1kHz
N
1.07
0.42
CDRH62B-820
82 @ 1kHz
N
1.21
0.38
CDRH62B-101
101 @ 1kHz
N
1.39
0.34
CDRH62B-121
121 @ 1kHz
N
1.9
0.31
CDRH62B-151
151 @ 1kHz
N
2.18
0.28
CDRH62B-181
181 @ 1kHz
N
2.77
0.26
CDRH62B-221
221 @ 1kHz
N
3.12
0.23
CDRH62B-271
271 @ 1kHz
N
4.38
0.22
CDRH62B-331
331 @ 1kHz
N
4.94
0.19


Similar Part No. - CDRH62B-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH62B SUMIDA-CDRH62B Datasheet
205Kb / 6P
   CDRH62B
CDRH62BNP-100MC-B SUMIDA-CDRH62BNP-100MC-B Datasheet
290Kb / 5P
   SMD Power Inductor
CDRH62BNP-101MC-B SUMIDA-CDRH62BNP-101MC-B Datasheet
290Kb / 5P
   SMD Power Inductor
CDRH62BNP-120MC-B SUMIDA-CDRH62BNP-120MC-B Datasheet
290Kb / 5P
   SMD Power Inductor
CDRH62BNP-121MB SUMIDA-CDRH62BNP-121MB Datasheet
205Kb / 6P
   CDRH62B
More results

Similar Description - CDRH62B-121

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH62B SUMIDA-CDRH62B Datasheet
205Kb / 6P
   CDRH62B
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com