Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D18-4R7 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CDRH4D18-4R7
Description  CDRH4D18 SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CDRH4D18-4R7 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CDRH4D18-4R7 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.5
1.9
1.9
4.70
4.70
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
00
POWER INDUCTOR
CDRH4D18 SMD POWER INDUCTOR
CDRH4D18 SMD
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
SPECIFICATION
TYPE
= CDRH4D18
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL / SILVER
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 2000PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES L=15%; M=20%; N=30%
Part
L
Tol R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CDRH4D18-1R0 1.0uH @ 100kHz
N
0.045
1.72
CDRH4D18-2R2 2.2uH @ 100kHz
N
0.075
1.32
CDRH4D18-2R7 2.7uH @ 100kHz
N
0.105
1.28
CDRH4D18-3R3 3.3uH @ 100kHz
N
0.11
1.04
CDRH4D18-3R9 3.9uH @ 100kHz
N
0.155
0.88
CDRH4D18-4R7 4.7uH @ 100kHz
N
0.162
0.84
CDRH4D18-5R6 5.6uH @ 100kHz
N
0.17
0.8
CDRH4D18-6R8 6.8uH @ 100kHz
N
0.2
0.76
CDRH4D18-8R2 8.2uH @ 100kHz
N
0.245
0.68
CDRH4D18-100
10uH @ 100kHz
N
0.2
0.61
CDRH4D18-120
12uH @ 100kHz
N
0.21
0.56
CDRH4D18-150
15uH @ 100kHz
N
0.24
0.5
CDRH4D18-180
18uH @ 100kHz
N
0.338
0.48
CDRH4D18-220
22uH @ 100kHz
N
0.397
0.41
CDRH4D18-270
27uH @ 100kHz
N
0.441
0.35
CDRH4D18-330
33uH @ 100kHz
N
0.694
0.32
CDRH4D18-390
39uH @ 100kHz
N
0.709
0.3


Similar Part No. - CDRH4D18-4R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CDRH4D18-4R7 LINER-CDRH4D18-4R7 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Sumida Corporation
CDRH4D18-4R7 SUMIDA-CDRH4D18-4R7 Datasheet
84Kb / 1P
   POWER INDUCTORS (SMT Type)
logo
ECM Electronics Limited...
CDRH4D18-4R7 ECM-CDRH4D18-4R7 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH4D18-4R7

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com