Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ14003 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJ14003
Description  60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ14003 Datasheet(HTML) 4 Page - Motorola, Inc

  MJ14003 Datasheet HTML 1Page - Motorola, Inc MJ14003 Datasheet HTML 2Page - Motorola, Inc MJ14003 Datasheet HTML 3Page - Motorola, Inc MJ14003 Datasheet HTML 4Page - Motorola, Inc MJ14003 Datasheet HTML 5Page - Motorola, Inc MJ14003 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJ14002 MJ14001 MJ14003
4
Motorola Bipolar Power Transistor Device Data
Figure 9. Turn–On Switching Times
Figure 10. Turn–Off Switching Times
Figure 11. Capacitance Variation
Figure 12. Switching Test Circuit
4.0
IC, COLLECTOR CURRENT (AMPS)
0.04
2.0
1.0
0.3
tr
3.0
0.7
0.1
0.07
5000
3000
10000
2.0
3.0
7.0
100
20
1.0
2000
1000
700
500
300
200
100
5.0
10
50
VR, REVERSE VOLTAGE (VOLTS)
t, TIME (ms)
1.0
0.01
0.02
0.1
2.0
10
100
R
θJC(t) = r(t) RθJC
R
θJC = 0.584°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.5
0.2
0.07
DUTY CYCLE, D = t1/t2
Figure 13. Thermal Response
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
IC, COLLECTOR CURRENT (AMPS)
1.0
2.0
3.0
7.0
5.0
0.5
0.3
1.0
0.2
0.1
0.07
0.05
0.03
0.02
0.01
0.7
0.7
10
20
30
70
50
1.0
2.0
3.0
7.0
5.0
0.7
10
20
30
70
50
0.2
0.5
Cob
7000
30
70
0.02
0.03
0.05
0.7
0.3
0.03
0.05
0.07
1.0
5.0
3.0
2000
200 300
500 700
20 30
50 70
7.0
0.2
0.1
0.5
0.3
0.7
0.05
0.2
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
td
ts
tf
TJ = 25°C
Cib
Cib
Cob
+ 2.0 V
0
tr ≤
20 ns
–12 V
10 to 100
µs
DUTY CYCLE
≈ 2.0%
VCC – 30 V
TO SCOPE
tr ≤ 20 ns
RL
RB
VCC – 30 V
RL
RB
TO SCOPE
tr ≤ 20 ns
VBB
+ 7.0 V
+10
V
0
–12 V
10 to 100
µs
tr ≤ 20 ns
DUTY CYCLE
≈ 2.0%
FOR CURVES OF FIGURES 3 & 6, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN CIRCUITS, REVERSE ALL POLARITIES.
0.1
0.02
0.01


Similar Part No. - MJ14003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ14003 ONSEMI-MJ14003 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
MJ14003 ONSEMI-MJ14003 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
Inchange Semiconductor ...
MJ14003 ISC-MJ14003 Datasheet
291Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ14003 NJSEMI-MJ14003 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ14003G ONSEMI-MJ14003G Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
More results

Similar Description - MJ14003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE171 ONSEMI-MJE171_06 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
logo
Central Semiconductor C...
MJE240 CENTRAL-MJE240_15 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
2N4123 CENTRAL-2N4123_15 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Motorola, Inc
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
logo
ON Semiconductor
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com