Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR74B-150 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CDR74B-150
Description  CDR74B SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CDR74B-150 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CDR74B-150 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
4
4
7.80
7.0
SPECIFICATION
TYPE
= CDR74B
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL / SILVER
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 1000PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES L=15%; M=20%.
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CDR74B SMD POWER INDUCTOR
CDR74B SMD POWER INDUCTOR
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
Part
L
Tol
R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CDR74B-100
10 @ 2.52 MHz
M
0.07
1.65
CDR74B-120
12 @ 2.52 MHz
M
0.07
1.57
CDR74B-150
15 @ 2.52 MHz
M
0.08
1.39
CDR74B-180
18 @ 2.52 MHz
M
0.1
1.29
CDR74B-220
22 @ 2.52 MHz
M
0.13
1.12
CDR74B-270
27 @ 2.52 MHz
M
0.16
1.06
CDR74B-330
33 @ 2.52 MHz
M
0.18
0.97
CDR74B-390
39 @ 2.52 MHz
M
0.18
0.91
CDR74B-470
47 @ 2.52 MHz
M
0.27
0.8
CDR74B-560
56 @ 2.52 MHz
L,M
0.29
0.76
CDR74B-680
68 @ 2.52 MHz
L,M
0.33
0.68
CDR74B-820
82 @ 2.52 MHz
L,M
0.43
0.62
CDR74B-101
100 @ 1.0 kHz
L,M
0.49
0.55
CDR74B-121
120 @ 1.0 kHz
L,M
0.68
0.49
CDR74B-151
150 @ 1.0 kHz
L,M
0.94
0.44
CDR74B-181
180 @ 1.0 kHz
L,M
1
0.4
CDR74B-221
220 @ 1.0 kHz
L,M
1.18
0.36
CDR74B-271
270 @ 1.0 kHz
L,M
1.3
0.33


Similar Part No. - CDR74B-150

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDR74B-150 ECM-CDR74B-150 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDR74B-150

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR74B SUMIDA-CDR74B Datasheet
434Kb / 4P
   CDR74B
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com