Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1706 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC1706
Description  3 W High Linearity and High Efficiency GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1706 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC1706 Datasheet HTML 1Page - Transcom, Inc. TC1706 Datasheet HTML 2Page - Transcom, Inc. TC1706 Datasheet HTML 3Page - Transcom, Inc. TC1706 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC1706
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
1 / 4
3 W High Linearity and High Efficiency GaAs Power FETs
FEATURES
! 3W Typical Power at 6 GHz
PHOTO ENLARGEMENT
! Linear Power Gain: G
L = 11 dB Typical at 6 GHz
! High Linearity: IP3 = 45 dBm Typical at 6 GHz
! Via Hole Source Ground
! Suitable for High Reliability Application
! Breakdown Voltage: BV
DGO
≥ 18 V
! Lg = 0.6
µm*, Wg = 7.5 mm
! High Power Added Efficiency: Nominal PAE of 43 % at 6 GHz
! Tight Vp ranges control
! High RF input power handling capability
! 100 % DC Tested
DESCRIPTION
The TC1706 is a GaAs Pseudomorphic High Electron Mobility Transistor (PHEMT), which has high linearity and
high Power Added Efficiency. The device is processed with a propriety via-hole process, which provides low
thermal resistance and low inductance. The long gate length makes the device to have high breakdown voltage.
All devices are 100% DC tested to assure consistent quality.
Bond pads are gold plated for either
thermo-compression or thermo-sonic wire bonding. Backside gold plating is compatible with standard AuSn
die-attach. Typical applications include commercial and military high performance power amplifiers.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point , f
= 6 GHz VDS = 8 V, IDS = 750 mA
34.5
35.5
dBm
GL
Linear Power Gain , f = 6 GHz VDS = 8 V, IDS = 750 mA
10
11
dB
IP3
Intercept Point of the 3
rd-order Intermodulation, f = 6 GHz V
DS = 8V, IDS = 750mA,**PSCL = 21 dBm
45
dBm
PAE
Power Added Efficiency at 1dB Compression Power, f
= 6 GHz
43
%
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
1.8
A
gm
Transconductance at VDS = 2 V, VGS = 0 V
1275
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 15 mA
-1.7***
Volts
BVDGO Drain-Gate Breakdown Voltage at IDGO = 3.75 mA
18
22
Volts
Rth
Thermal Resistance
4
°C/W
Note:
*
FET with 0.35
µµµµm gate length is available for high frequency operation. Please contact factory for detail.
** PSCL: Output Power of Single Carrier Level.
*** For the tight control of the pinch-off voltage . TC1706’s are divided into 3 groups:
(1)TC1706P1519 : Vp = -1.5V to -1.9V (2) TC1706P1620 : Vp = -1.6V to -2.0V
(3)TC1706P1721 : Vp = -1.7V to -2.1V
In addition, the customers may specify their requirements.


Similar Part No. - TC1706

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC1709D-101M PRODUCTWELL-TC1709D-101M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC1709D-300M PRODUCTWELL-TC1709D-300M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1706

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
TC1401 TRANSCOM-TC1401 Datasheet
159Kb / 4P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com