Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4121AI1W17 Datasheet(PDF) 3 Page - Analog Devices

Part # ZSPM4121AI1W17
Description  Under-Voltage Load Switch for Smart Battery Management
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ZSPM4121AI1W17 Datasheet(HTML) 3 Page - Analog Devices

  ZSPM4121AI1W17 Datasheet HTML 1Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 2Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 3Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 4Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 5Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 6Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 7Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 8Page - Analog Devices ZSPM4121AI1W17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZSPM4121
Under-Voltage Load Switch for Smart Battery Management
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
Typical Applications
Portable Batteries
Industrial
Medical
Smart cards
RFID
Charger
Load
ZSPM4121
GND
VOUT
NPG
VCC
Typical Application Circuit for
Disconnecting the Battery
Charger
Load
ZSPM4121
GND
VOUT
NPG
VCC
Typical Application Circuit for
Disconnecting the Load
Typical Application Circuits:
Ordering Information
Ordering Code*
Description
Package
ZSPM4121AI1W17
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 1.7V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W21
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.1V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W23
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.3V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W24
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.4V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W25
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.5V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W26
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.6V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W28
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 2.8V
8-
pin DFN / 7” Reel (2500)
ZSPM4121AI1W30
ZSPM4121 Under-Voltage Load Switch
—VTHRESH factory set to 3.0V
8-
pin DFN / 7” Reel (2500)
ZSPM4121KIT
ZSPM4121 Evaluation Kit
* X
= W for 7” reel with 2500 parts or R for 13” reel with 3300. Custom V
THRESH values are also available: 1.2V to 4.2V (typical) in 100mV increments.
Sales and Further Information
www.zmdi.com
analog@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49 (0)351.8822
Fax
+49 (0)351.8822
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or
any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.


Similar Part No. - ZSPM4121AI1W17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4121AI1W17 RENESAS-ZSPM4121AI1W17 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
More results

Similar Description - ZSPM4121AI1W17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Richtek Technology Corp...
RT9750 RICHTEK-RT9750 Datasheet
332Kb / 30P
   6-A Smart Load Switch Battery Charger
logo
Silicon Standard Corp.
SS4003 SSC-SS4003 Datasheet
432Kb / 10P
   Smart Battery Power Management
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com