Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24196 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24196
Description  I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24196 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24196 Datasheet HTML 7Page - Texas Instruments BQ24196 Datasheet HTML 8Page - Texas Instruments BQ24196 Datasheet HTML 9Page - Texas Instruments BQ24196 Datasheet HTML 10Page - Texas Instruments BQ24196 Datasheet HTML 11Page - Texas Instruments BQ24196 Datasheet HTML 12Page - Texas Instruments BQ24196 Datasheet HTML 13Page - Texas Instruments BQ24196 Datasheet HTML 14Page - Texas Instruments BQ24196 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
80
85
90
95
100
0
500
1000
1500
VBUS Load Current (A)
VBAT = 3.2 V
VBAT = 3.8 V
C013
3.60
3.62
3.64
3.66
3.68
3.70
0
1
2
3
4
5
System Load Current (A)
VBUS = 5 V
VBUS = 17 V
C014
85
87
89
91
93
95
0
0.5
1
1.5
2
2.5
3
Load Current (A)
VBUS = 5 V
VBUS = 7 V
VBUS = 9 V
VBUS = 12 V
C020
70
75
80
85
90
95
0
100
200
300
400
500
600
Load Current (mA)
VBUS = 5 V
VBUS = 9 V
C012
bq24196
www.ti.com
SLUSB98 – OCTOBER 2012
TYPICAL CHARACTERISTICS (continued)
Table 1. Tables of Figures (continued)
FIGURE NO.
PWM Switching Waveform (VBUS 12V, VBAT 3.8V, ICHG 1.5A)
Figure 18
PFM Switching Waveform (VBUS 9V, No Battery, ISYS 10 mA, Charge Disable)
Figure 19
Boost Mode Switching Waveform (VBAT 3.8V, ILOAD 1A)
Figure 20
Boost Mode Load Transient (VBAT 3.8V)
Figure 21
CHARGING EFFICIENCY
SYSTEM LIGHT LOAD EFFICIENCY
vs
vs
CHARGING CURRENT
SYSTEM LOAD CURRENT
Figure 3.
Figure 4.
BOOST MODE EFFICIENCY
SYS VOLTAGE REGULATION
vs
vs
VBUS LOAD CURRENT
SYSTEM LOAD
Figure 5.
Figure 6.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :bq24196


Similar Part No. - BQ24196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24196 TI1-BQ24196 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196RGER TI1-BQ24196RGER Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196RGET TI1-BQ24196RGET Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results

Similar Description - BQ24196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com